Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV5011 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5011
Description  Low-Voltage, Digital-Latch Hall Effect Sensor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5011 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV5011 Datasheet HTML 3Page - Texas Instruments DRV5011 Datasheet HTML 4Page - Texas Instruments DRV5011 Datasheet HTML 5Page - Texas Instruments DRV5011 Datasheet HTML 6Page - Texas Instruments DRV5011 Datasheet HTML 7Page - Texas Instruments DRV5011 Datasheet HTML 8Page - Texas Instruments DRV5011 Datasheet HTML 9Page - Texas Instruments DRV5011 Datasheet HTML 10Page - Texas Instruments DRV5011 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
B
south
north
OUT
0 mT
BOP
0V
VCC
BRP
BHYS
PCB
PCB
negative B
positive B
N
S
S
N
7
DRV5011
www.ti.com
SLVSCY6 – DECEMBER 2017
Product Folder Links: DRV5011
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
Magnetic flux that travels from the bottom to the top of the package is considered positive in this data sheet. This
condition exists when a south magnetic pole is near the top of the package. Magnetic flux that travels from the
top to the bottom of the package results in negative millitesla values. Figure 7 shows the flux direction polarity.
Figure 7. Flux Direction Polarity
7.3.2 Magnetic Response
Figure 8 shows the device functionality and hysteresis.
Figure 8. Device Functionality


Similar Part No. - DRV5011

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5011 TI1-DRV5011 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5011 TI1-DRV5011 Datasheet
1Mb / 31P
[Old version datasheet]   DRV5011 Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5011ADDBZR TI1-DRV5011ADDBZR Datasheet
1Mb / 28P
[Old version datasheet]   Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5011ADDBZR TI1-DRV5011ADDBZR Datasheet
1Mb / 31P
[Old version datasheet]   DRV5011 Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5011ADDBZT TI1-DRV5011ADDBZT Datasheet
1Mb / 28P
[Old version datasheet]   Low-Voltage, Digital-Latch Hall Effect Sensor
More results

Similar Description - DRV5011

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5011_1904 TI1-DRV5011_1904 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5011 TI1-DRV5011_V01 Datasheet
1Mb / 31P
[Old version datasheet]   DRV5011 Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5013 TI1-DRV5013_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Latch Hall Effect Sensor
DRV5013 TI1-DRV5013_V01 Datasheet
1Mb / 33P
[Old version datasheet]   Digital-Latch Hall Effect Sensor
DRV5015 TI1-DRV5015 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor
DRV5015-Q1 TI1-DRV5015-Q1 Datasheet
574Kb / 25P
[Old version datasheet]   Automotive Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor
DRV5012 TI1-DRV5012 Datasheet
197Kb / 20P
[Old version datasheet]   Ultra-Low-Power Digital-Latch Hall-Effect Sensor
DRV5013 TI-DRV5013_15 Datasheet
966Kb / 27P
[Old version datasheet]   DRV5013 Digital-Latch Hall Effect Sensor
DRV5013-Q1 TI1-DRV5013-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Latch Hall Effect Sensor
logo
Feeling Technology Corp...
FS177 FEELING-FS177 Datasheet
225Kb / 10P
   Low Voltage Hall Effect Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com