Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV5055 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5055
Description  Ratiometric Linear Hall Effect Sensor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5055 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DRV5055 Datasheet HTML 8Page - Texas Instruments DRV5055 Datasheet HTML 9Page - Texas Instruments DRV5055 Datasheet HTML 10Page - Texas Instruments DRV5055 Datasheet HTML 11Page - Texas Instruments DRV5055 Datasheet HTML 12Page - Texas Instruments DRV5055 Datasheet HTML 13Page - Texas Instruments DRV5055 Datasheet HTML 14Page - Texas Instruments DRV5055 Datasheet HTML 15Page - Texas Instruments DRV5055 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
SOT-23
Top View
TO-92
Top View
650 µm
±80 µm
SOT-23
Side View
centered
±50 µm
1.61 mm
1.54 mm
2 mm
2 mm
±50 µm
1030 µm
±115 µm
TO-92
Side View
12
DRV5055
SBAS640 – JANUARY 2018
www.ti.com
Product Folder Links: DRV5055
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
7.3.8 Hall Element Location
Figure 12 shows the location of the sensing element inside each package option.
Figure 12. Hall Element Location
7.4 Device Functional Modes
The DRV5055 has one mode of operation that applies when the Recommended Operating Conditions are met.


Similar Part No. - DRV5055

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5055 TI1-DRV5055 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
DRV5055 TI1-DRV5055 Datasheet
1Mb / 32P
[Old version datasheet]   DRV5055 Ratiometric Linear Hall Effect Sensor
DRV5055-Q1 TI1-DRV5055-Q1 Datasheet
362Kb / 20P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
DRV5055-Q1 TI1-DRV5055-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
DRV5055-Q1 TI1-DRV5055-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   DRV5055 Ratiometric Linear Hall Effect Sensor
More results

Similar Description - DRV5055

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OHN3150U OPTEK-OHN3150U Datasheet
517Kb / 4P
   Ratiometric Linear Hall-effect Sensor
OMH3150 OPTEK-OMH3150_14 Datasheet
109Kb / 4P
   Ratiometric Linear Hall-effect Sensor
logo
TT Electronics.
OMH3150 TTELEC-OMH3150 Datasheet
530Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
OHS3150U TTELEC-OHS3150U Datasheet
195Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
logo
Honeywell Solid State E...
SS496B HONEYWELL-SS496B Datasheet
1Mb / 4P
   MNIATURE RATIOMETRIC LINEAR HALL EFFECT SENSOR
logo
Texas Instruments
DRV5056 TI1-DRV5056 Datasheet
1Mb / 32P
[Old version datasheet]   Unipolar Ratiometric Linear Hall Effect Sensor
DRV5055-Q1 TI1-DRV5055-Q1 Datasheet
362Kb / 20P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
DRV5056 TI1-DRV5056_19 Datasheet
1Mb / 33P
[Old version datasheet]   unipolar ratiometric linear hall effect sensor
logo
Honeywell Solid State E...
SS495A-SP HONEYWELL-SS495A-SP Datasheet
1Mb / 5P
   MINIATURE RATIOMETRIC LINEAR HALL EFFECT SENSOR
logo
Texas Instruments
DRV5055-Q1 TI1-DRV5055-Q1_18 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com