Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C5131A Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT89C5131A
Description  USB Microcontrollers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A Datasheet(HTML) 3 Page - ATMEL Corporation

  AT89C5131A Datasheet HTML 1Page - ATMEL Corporation AT89C5131A Datasheet HTML 2Page - ATMEL Corporation AT89C5131A Datasheet HTML 3Page - ATMEL Corporation AT89C5131A Datasheet HTML 4Page - ATMEL Corporation AT89C5131A Datasheet HTML 5Page - ATMEL Corporation AT89C5131A Datasheet HTML 6Page - ATMEL Corporation AT89C5131A Datasheet HTML 7Page - ATMEL Corporation AT89C5131A Datasheet HTML 8Page - ATMEL Corporation AT89C5131A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
3
AT89C5131A USB Bootloader
4287C–USB–11/04
ISP Communication
Management
The purpose of this process is to manage the communication and its protocol between
the on-chip bootloader and an external device (host). The on-chip bootloader imple-
ments a USB protocol (see section “Protocol”). This process translates serial
communication frames (USB) into Flash memory accesses (read, write, erase...).
User Call Management
Several Application Program Interface (API) calls are available to the application pro-
gram to selectively erase and program Flash pages. All calls are made through a
common interface (API calls) included in the bootloader. The purpose of this process is
to translate the application request into internal Flash memory operations.
Flash Memory Management
This process manages low level access to the Flash memory (performs read and write
access).
Bootloader Configuration
Configuration and
Manufacturer Information
The table below lists Configuration and Manufacturer byte information used by the boot-
loader. This information can be accessed through a set of API or ISP commands.
Mnemonic
Description
Default Value
BSB
Boot Status Byte
FFh
SBV
Software Boot Vector
FCh
SSB
Software Security Byte
FFh
EB
Extra Byte
FFh
P1_CF
Port 1 Configuration
FEh
P3_CF
Port 3 Configuration
FFh
P4_CF
Port 4 Configuration
FFh
Manufacturer
58h
Id1: Family code
D7h
Id2: Product Name
F7h
Id3: Product Revision
DFh


Similar Part No. - AT89C5131A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C5131A ATMEL-AT89C5131A Datasheet
1Mb / 188P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A ATMEL-AT89C5131A Datasheet
333Kb / 34P
   USB Microcontrollers
AT89C5131A-L ATMEL-AT89C5131A-L Datasheet
2Mb / 184P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L Datasheet
1Mb / 186P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L_06 Datasheet
2Mb / 185P
   8-bit Flash Microcontroller with Full Speed USB Device
More results

Similar Description - AT89C5131A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51SND1 ATMEL-AT89C51SND1_06 Datasheet
517Kb / 33P
   USB Microcontrollers
AT89C5131A ATMEL-AT89C5131A_08 Datasheet
333Kb / 34P
   USB Microcontrollers
logo
Microchip Technology
PIC18F-LF1XK50 MICROCHIP-PIC18F-LF1XK50 Datasheet
3Mb / 420P
   20-Pin USB Flash Microcontrollers
2010
PIC16C745-I MICROCHIP-PIC16C745-I Datasheet
3Mb / 165P
   8-Bit CMOS Microcontrollers with USB
03/01/02
PIC16C745 MICROCHIP-PIC16C745_13 Datasheet
2Mb / 166P
   8-Bit CMOS Microcontrollers with USB
11/29/12 1999-2013
PIC16C745 MICROCHIP-PIC16C745 Datasheet
2Mb / 158P
   8-Bit CMOS Microcontrollers with USB
1999
logo
NXP Semiconductors
LPC214X NXP-LPC214X Datasheet
258Kb / 2P
   ARM7-based microcontrollers with full-speed USB 2.0
January 2007
logo
Microchip Technology
PIC18F44J50-I MICROCHIP-PIC18F44J50-I Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
logo
Maxim Integrated Produc...
MAXQ612 MAXIM-MAXQ612 Datasheet
1Mb / 30P
   16-Bit Microcontrollers with Infrared Module and Optional USB
Rev 0; 2/10
logo
Microchip Technology
PIC18F13K50 MICROCHIP-PIC18F13K50 Datasheet
6Mb / 414P
   20-Pin USB Flash Microcontrollers with nanoWatt XLP??Technology
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com