Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT52BR3228AT-70CI Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT52BR3228AT-70CI
Description  32-megabit Flash 4-megabit/ 8-megabit SRAM Stack Memory
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52BR3228AT-70CI Datasheet(HTML) 4 Page - ATMEL Corporation

  AT52BR3228AT-70CI Datasheet HTML 1Page - ATMEL Corporation AT52BR3228AT-70CI Datasheet HTML 2Page - ATMEL Corporation AT52BR3228AT-70CI Datasheet HTML 3Page - ATMEL Corporation AT52BR3228AT-70CI Datasheet HTML 4Page - ATMEL Corporation AT52BR3228AT-70CI Datasheet HTML 5Page - ATMEL Corporation AT52BR3228AT-70CI Datasheet HTML 6Page - ATMEL Corporation AT52BR3228AT-70CI Datasheet HTML 7Page - ATMEL Corporation AT52BR3228AT-70CI Datasheet HTML 8Page - ATMEL Corporation AT52BR3228AT-70CI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
4
AT52BR3224A(T)/3228A(T)
3338B–STKD–6/03
32-megabit
Flash Memory
Description
The 32-megabit Flash is a a 2.7-volt memory organized as 2,097,152 words of 16 bits each.
The memory is divided into 71 sectors for erase operations. The device has CE and OE con-
trol signals to avoid any bus contention. This device can be read or reprogrammed using a
single power supply, making it ideally suited for in-system programming.
The device powers on in the read mode. Command sequences are used to place the device in
other operation modes such as program and erase. The device has the capability to protect
the data in any sector (see “Sector Lockdown” section).
To increase the flexibility of the device, it contains an Erase Suspend and Program Suspend
feature. This feature will put the erase or program on hold for any amount of time and let the
user read data from or program data to any of the remaining sectors within the memory. The
end of a program or an erase cycle is detected by the READY/BUSY pin, Data Polling or by
the toggle bit.
The VPP pin provides data protection. When the V
PP input is below 0.4V, the program and
erase functions are inhibited. When V
PP is at 0.9V or above, normal program and erase opera-
tions can be performed.
A six-byte command (Enter Single Pulse Program Mode) sequence to remove the requirement
of entering the three-byte program sequence is offered to further improve programming time.
After entering the six-byte code, only single pulses on the write control lines are required for
writing into the device. This mode (Single Pulse Word Program) is exited by powering down
the device, or by pulsing the RESET pin low for a minimum of 500 ns and then bringing it back
to V
CC. Erase, Erase Suspend/Resume and Program Suspend/Resume commands will not
work while in this mode; if entered they will result in data being programmed into the device. It
is not recommended that the six-byte code reside in the software of the final product but only
exist in external programming code.


Similar Part No. - AT52BR3228AT-70CI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT52BR1664A ATMEL-AT52BR1664A Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
AT52BR1664A-70CI ATMEL-AT52BR1664A-70CI Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
AT52BR1664A-90CI ATMEL-AT52BR1664A-90CI Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
AT52BR1664AT ATMEL-AT52BR1664AT Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
AT52BR1664AT-70CI ATMEL-AT52BR1664AT-70CI Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
More results

Similar Description - AT52BR3228AT-70CI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45BR3214B ATMEL-AT45BR3214B Datasheet
488Kb / 40P
   32-MEGABIT DATAFLASH 4-MEGABIT SRAM STACK MEMORY
AT52BR1664AT ATMEL-AT52BR1664AT Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
AT52BR1672 ATMEL-AT52BR1672 Datasheet
366Kb / 39P
   16-megabit Flash and 2-megabit/ 4-megabit SRAM Stack Memory
AT49LW040 ATMEL-AT49LW040 Datasheet
465Kb / 34P
   8-megabit and 4-megabit Firmware Hub Flash Memory
logo
Maxwell Technologies
29F0408 MAXWELL-29F0408 Datasheet
941Kb / 33P
   32 Megabit (4M x 8-Bit) Flash Memory
logo
ATMEL Corporation
AT49BV040B ATMEL-AT49BV040B Datasheet
355Kb / 21P
   4-megabit (512K x 8) Flash Memory
logo
List of Unclassifed Man...
EN29F040 ETC-EN29F040 Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
logo
Eon Silicon Solution In...
EN29F040A EON-EN29F040A Datasheet
273Kb / 35P
   4 Megabit (512K x 8-bit) Flash Memory
logo
ATMEL Corporation
AT49LL080 ATMEL-AT49LL080 Datasheet
224Kb / 31P
   8-megabit Low-pin Count Flash Memory
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com