Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM2193-G Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATSAM2193-G
Description  Sound Synthesis
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2193-G Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATSAM2193-G Datasheet HTML 3Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 4Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 5Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 6Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 7Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 8Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 9Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 10Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
ATSAM2193/ATSAM2193-G
2695A–DRMSD–06/03
Parallel MPU-401
Interface Timings
Figure 3. MPU Interface Read Cycle
Figure 4. MPU Interface Write Cycle
Table 7. MPU Interface Timing Parameters
Symbol
Parameter
Min
Typ
Max
Unit
t
AVCS
Address valid to chip select low
0
-
-
ns
t
CSLRDL
Chip select low to RD low
5
-
-
ns
t
RDHCSH
RD high to CS high
5
-
-
ns
t
PRD
RD pulse width
50
-
-
ns
t
RDLDV
Data out valid from RD
--
20
ns
t
DRH
Data out hold from RD
5-
10
ns
t
CSLRWRL
Chip select low to WR low
5
-
-
ns
t
WRHCSH
WR high to CS high
5
-
-
ns
t
PWR
WR pulse width
50
-
-
ns
t
DWS
Write data setup time
10
-
-
ns
t
DWH
Write data hold time
0
-
-
ns
t
WRCYC
Write cycle
3
-
-
µs
A0
D0 - D7
tAVCS
tCSLRDL
tPRD
tRDHCSH
tRDLDV
tDRH
CS
RD
IRQ
A0
D0 - D7
tAVCS
tCSLWRL
tPWR
tWRHCSH
tDWS
tDWH
CS
WR
tWRCYC


Similar Part No. - ATSAM2193-G

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM2195 ATMEL-ATSAM2195 Datasheet
1Mb / 19P
   Audio Processing
More results

Similar Description - ATSAM2193-G

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
STSAM9708 ATMEL-STSAM9708 Datasheet
373Kb / 30P
   Sound Synthesis
ATSAM2553 ATMEL-ATSAM2553 Datasheet
604Kb / 29P
   Sound Synthesis
ATSAM9703 ATMEL-ATSAM9703 Datasheet
126Kb / 16P
   Sound Synthesis
ATSAM9743 ATMEL-ATSAM9743 Datasheet
156Kb / 21P
   Sound Synthesis Single-chip Music System
logo
List of Unclassifed Man...
SAA1099 ETC1-SAA1099 Datasheet
1,014Kb / 15P
   MICROPROCESSOR CONTROLLED STEREO SOUND GENERATOR FOR SOUND EFFECTS AND MUSIC SYNTHESIS
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
   ADPCM Speech Synthesis LSI
logo
OKI electronic componet...
MSM6585 OKI-MSM6585 Datasheet
275Kb / 16P
   ADPCM Voice Synthesis IC
logo
List of Unclassifed Man...
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
   ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
   ADPCM Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com