Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLA1011-10 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLA1011-10
Description  Avionics LDMOS transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLA1011-10 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLA1011-10 Datasheet HTML 1Page - NXP Semiconductors BLA1011-10 Datasheet HTML 2Page - NXP Semiconductors BLA1011-10 Datasheet HTML 3Page - NXP Semiconductors BLA1011-10 Datasheet HTML 4Page - NXP Semiconductors BLA1011-10 Datasheet HTML 5Page - NXP Semiconductors BLA1011-10 Datasheet HTML 6Page - NXP Semiconductors BLA1011-10 Datasheet HTML 7Page - NXP Semiconductors BLA1011-10 Datasheet HTML 8Page - NXP Semiconductors BLA1011-10 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2003 Nov 19
5
Philips Semiconductors
Product specification
Avionics LDMOS transistor
BLA1011-10
handbook, full pagewidth
MGU497
C1 C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
C13
C14
C15
60
51.75
51.75
R1
37.5
9.3
6.0
3.2
3.5
13.5
Dimensions in mm.
The components are situated on one side of the Rogers 6006 printed-circuit board (thickness = 0.64 mm;
εr = 6.2), the other side is unetched
and serves as a ground plane. Earth connections from the component side to the ground plane are made by through-metallization.
Fig.6 Printed-circuit board for class-AB test circuit.
List of components for class-AB test circuit (see Fig.6)
Notes
1. American Technical Ceramics type 100A or capacitor of same quality.
2. American Technical Ceramics type 200B or capacitor of same quality.
COMPONENT
DESCRIPTION
VALUE
C1
multilayer ceramic chip capacitor; note 1
2.7 pF
C2, C11
multilayer ceramic chip capacitor; note 1
56 pF
C3
tekelec trimmer; type 37293
0.8 to 8 pF
C4
multilayer ceramic chip capacitor; note 1
3.6 pF
C5
multilayer ceramic chip capacitor; note 1
6.2 pF
C6
multilayer ceramic chip capacitor; note 1
2 pF
C7, C13
multilayer ceramic chip capacitor; note 1
62 pF
C8
multilayer ceramic chip capacitor; note 1
11 pF
C9
multilayer ceramic chip capacitor; note 1
1.5 pF
C10
multilayer ceramic chip capacitor; note 1
6.2 pF
C12
multilayer ceramic chip capacitor; note 2
20 nF
C14
electrolytic capacitor
4.7
µF; 50 V
C15
multilayer ceramic chip capacitor; note 1
36 pF
R1
SMD resistor (0805)
22


Similar Part No. - BLA1011-10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLA1011-10 NXP-BLA1011-10 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BLA1011-10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLA1011-2 PHILIPS-BLA1011-2 Datasheet
73Kb / 9P
   Avionics LDMOS transistor
2003 Nov 19
BLA1011-200 PHILIPS-BLA1011-200 Datasheet
74Kb / 13P
   Avionics LDMOS transistor
Rev. 08-26 October 2005
BLA0912-250 PHILIPS-BLA0912-250 Datasheet
77Kb / 12P
   Avionics LDMOS transistor
Rev. 02-22 July 2004
logo
Ampleon Netherlands B.V...
BLA9H0912L-250 AMPLEON-BLA9H0912L-250 Datasheet
1Mb / 14P
   LDMOS avionics power transistor
Rev. 1 ??14 June 2019
BLA9H0912L-1200P AMPLEON-BLA9H0912L-1200P Datasheet
1Mb / 14P
   LDMOS avionics power transistor
Rev. 1 ??1 November 2018
BLA6H0912L-1000 AMPLEON-BLA6H0912L-1000 Datasheet
969Kb / 13P
   LDMOS avionics power transistor
Rev. 5 ??1 September 2015
logo
NXP Semiconductors
BLA6H1011-600 NXP-BLA6H1011-600 Datasheet
140Kb / 13P
   LDMOS avionics power transistor
Rev. 01-22 April 2010
BLA6H0912L-1000 PHILIPS-BLA6H0912L-1000_15 Datasheet
190Kb / 13P
   LDMOS avionics power transistor
Rev. 4-2 July 2015
BLA6H1011-600 PHILIPS-BLA6H1011-600_15 Datasheet
140Kb / 13P
   LDMOS avionics power transistor
Rev. 01-22 April 2010
BLA0912-250R NXP-BLA0912-250R Datasheet
141Kb / 13P
   Avionics LDMOS power transistor
Rev. 01-3 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com