Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF22V10CQ-15PC Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATF22V10CQ-15PC
Description  Highperformance EE PLD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10CQ-15PC Datasheet(HTML) 3 Page - ATMEL Corporation

  ATF22V10CQ-15PC Datasheet HTML 1Page - ATMEL Corporation ATF22V10CQ-15PC Datasheet HTML 2Page - ATMEL Corporation ATF22V10CQ-15PC Datasheet HTML 3Page - ATMEL Corporation ATF22V10CQ-15PC Datasheet HTML 4Page - ATMEL Corporation ATF22V10CQ-15PC Datasheet HTML 5Page - ATMEL Corporation ATF22V10CQ-15PC Datasheet HTML 6Page - ATMEL Corporation ATF22V10CQ-15PC Datasheet HTML 7Page - ATMEL Corporation ATF22V10CQ-15PC Datasheet HTML 8Page - ATMEL Corporation ATF22V10CQ-15PC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
ATF22V10C(Q)
0735P–PLD–01/02
Note:
1. These device types will create a JEDEC file which when programmed in ATF22V10C devices will enable the power-down
mode feature. All other device types have the feature disabled.
Note:
1. Not more than one output at a time should be shorted. Duration of short circuit test should not exceed 30 sec.
Compiler Mode Selection
PAL Mode
(5828 Fuses)
GAL Mode
(5892 Fuses)
Power-down Mode
(1)
(5893 Fuses)
Synario
ATF22V10C (DIP)
ATF22V10C (PLCC)
ATTF22V10C DIP (UES)
ATF22C10C PLCC (UES)
ATF22V10C DIP (PWD)
ATF22V10C PLCC (PWD)
WINCUPL
P22V10
P22V10LCC
G22V10
G22V10LCC
G22V10CP
G22V10CPLCC
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
IIL
Input or I/O Low
Leakage Current
0
≤ V
IN ≤ VIL (Max)
-35.0
-10.0
µA
IIH
Input or I/O High
Leakage Current
3.5
≤ V
IN ≤ VCC
10.0
µA
I
CC
Power Supply Current,
Standby
VCC =Max,
V
IN =Max,
Outputs Open
C-5, 7, 10
Com.
85.0
130.0
mA
C-10
Ind.
90.0
140.0
mA
C-15
Com.
65.0
90.0
mA
C-15
Ind.
65.0
115.0
mA
CQ-15
Com.
35.0
55.0
mA
CQ-15
Ind.
35.0
70.0
mA
I
CC2
Clocked Power Supply
Current
VCC = Max, Outputs Open,
f= 15 MHz
C-5, 7, 10
Com.
150.0
mA
C-10
Ind.
160.0
mA
C-15
Com.
70.0
90.0
mA
C-15
Ind.
70.0
90.0
mA
CQ-15
Com.
40.0
60.0
mA
CQ-15
Ind.
40.0
80.0
mA
IPD
Power Supply Current,
PD Mode
V
CC = Max
Com.
10.0
100.0
µA
V
IN = 0, Max
Ind.
10.0
100.0
µA
IOS
(1)
Output Short Circuit
Current
VOUT = 0.5V
-130.0
mA
VIL
Input Low Voltage
-0.5
0.8
V
VIH
Input High Voltage
2.0
VCC+0.75
V
VOL
Output Low Voltage
VIN =VIH or VIL,
VCC =Min
I
OL =16mA
Com.,
Ind.
0.5
V
I
OL =12mA
Mil.
0.5
V
V
OH
Output High Voltage
V
IN =VIH or VIL,
VCC =Min
I
OH =-4.0mA
2.4
V


Similar Part No. - ATF22V10CQ-15PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10CQ-15PC ATMEL-ATF22V10CQ-15PC Datasheet
408Kb / 22P
   Highperformance EE PLD
More results

Similar Description - ATF22V10CQ-15PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com