Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS-A604RD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BS-A604RD
Description  SINGLE DIGIT LED DISPLAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BS-A604RD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BS-A604RD Datasheet HTML 1Page - List of Unclassifed Manufacturers BS-A604RD Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SD-31
BS-A
C55xRD
SD-32
BS-A
C55xRD-B
SD-33
BS-A
C60xRD
SD-34
BS-A
C81xRD
SD-35
BF-U81xRD
SD-36
BS-A
C82xRD
NOTES: 1.All Dimensions are in millimeters(inches).
2.Tolerance isA0.25mm(.010D).
3.Specifications are subject to change without notice.
4.NP:No Pin.
5.NC:No Connect.
19.90(.783)
BS-C81xRD
RDP
C
4
E
3,5,11,16
NP: 7,8,15.
BS-A81xRD
15.24(.600)
3.0(.120)MIN.
A
LDP
6 1
12
C
B
14
D
10
8.40(.331)
LDP D
E
A
F G
13
G
2
F
9
RDP
B
2.54(.100)
E0.50(.020)
11.00(.433)
PIN 1.
20.40(.80)
+
8B
27.70(1.090)
E2.30(.091)
A
1
6
LDP
NP: 7,8,15.
10
C
14
B
12
F
2
E
D
4
G
13
RDP
9
3,5,11,16
20.20(.795)
B
A2
18
1
A1
16
10 8
D2 E
9
D1
13
CJ
3
5
G1
15
G2
F
4
2
K
17
L
14
M
11
E0.50(.020)
15.24(.600)
3.00(.118)MIN.
8.50(.335)
BS-A82xRD
6
N
7
P
12
DP
D2
D1
N
P
E
DP
C
M
J
F
G1
B
L
K
G2
A1 A2
8B
20.32(.800)
PIN 1.
+
27.70(1.091)
E2.2(.087)
2.54x8=20.32(.80)
+
10B
0.80(.031)
17.90(.705)
24.90(.980)
BS-A60xRD
E2.0(.079)
3.00(.118)MIN.
8.40(.315)
PIN 1.
0.50(.020)
2.54(.100)
BS-C60xRD
C
3
A
7
B
6
D
2
F
9
1
E
5,10
F
LDP
E
D
RDP
G
C
B
A
RDP
4
G
8
9.00(.355)
15.00(.600)
20.00(.787)
C
3
B
6
A
7
F
9
1
D
2
E
G
8
RDP
4
5,10
C
11
4
G
3
H
57
J
LDP
19.90(.783)
15.24(.600)
E0.50(.020)
3.00(.118)MIN.
E2.4(.094)
LDP
J
H
C
RDP
G
B
2.54(.100)
27.70(1.091)
20.40(.800)
B
16
14 12 13
2
6
10
NC: 1,8.
8.20(.323)
0.90(.035)
+
PIN 1.
RDP
NP: 9,15.
11.00(.433)
8B
1.2(.047)
BS-C55xRD
8.00(.314)
F
2.54(.100)
3.00(.118)MIN.
BS-A55xRD
A
6
7
42 1
BC
E
D
E0.50(.020)
3,8
5
10
9
DP
G
6
7
4
AC
B
E
F
8.00(.315)
12.70(.500)
14.20(.560)
8B
PIN 1.
+
19.00(.748)
E1.5(.063)
8.00(.314)
9
2.54(.100)
BS-A55xRD-B
3.00(.118)MIN.
21
10
95
F
DE
GDP
DP
3,8
D
C
G
B
A
1
2
64
7
B C
E
D
F
E0.50(.020)
3,8
D
BS-C55xRD-B
10 5
DP
G
7 64
A
C
B
D
E
F
1
29 10 5
G
E F
DP
3,8
DP
C
G
B
8.00(.315)
12.50(.492)
10B
15.24(.600)
A
14.20(.560)
PIN 1.
+
1.2(.047)
18.00(.709)
E1.7(.067)
15.24(.600)
A
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BS-A604RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-A282ND BRIGHT-BS-A282ND Datasheet
151Kb / 3P
   7.00mm (0.28) high single digit seven segments dispaly
BS-A282RD-B BRIGHT-BS-A282RD-B Datasheet
147Kb / 3P
   0.28(7.10MM)single DIGIT LED DISPLAY
BS-A283ND BRIGHT-BS-A283ND Datasheet
73Kb / 1P
   0.28(7.10MM)single DIGIT LED DISPLAY
BS-A283RD-A BRIGHT-BS-A283RD-A Datasheet
154Kb / 3P
   7.00mm (0.28) high single digit seven segments dispaly
BS-A283RD-B BRIGHT-BS-A283RD-B Datasheet
153Kb / 3P
   7.00mm (0.28) high single digit seven segments dispaly
More results

Similar Description - BS-A604RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BS-AD11RD ETC-BS-AD11RD Datasheet
127Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AE11RD-A ETC-BS-AE11RD-A Datasheet
139Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AD41 ETC-BS-AD41 Datasheet
121Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AE01RD YSTONE-BS-AE01RD Datasheet
130Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-A561RD YSTONE-BS-A561RD Datasheet
189Kb / 2P
   SINGLE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-AD31RD ETC-BS-AD31RD Datasheet
152Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AG21 YSTONE-BS-AG21 Datasheet
137Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BF-A321RD YSTONE-BF-A321RD Datasheet
187Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BS-AB31RD YSTONE-BS-AB31RD Datasheet
269Kb / 2P
   SINGLE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-A411RD ETC-BS-A411RD Datasheet
183Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BS-A831RD ETC1-BS-A831RD Datasheet
260Kb / 2P
   SINGLE DIGIT LED DISPLAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com