Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC56F8357 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MC56F8357
Description  16-BIT HYBRID CONTROLLERS
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MC56F8357 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MC56F8357 Datasheet HTML 1Page - List of Unclassifed Manufacturers MC56F8357 Datasheet HTML 2Page - List of Unclassifed Manufacturers MC56F8357 Datasheet HTML 3Page - List of Unclassifed Manufacturers MC56F8357 Datasheet HTML 4Page - List of Unclassifed Manufacturers MC56F8357 Datasheet HTML 5Page - List of Unclassifed Manufacturers MC56F8357 Datasheet HTML 6Page - List of Unclassifed Manufacturers MC56F8357 Datasheet HTML 7Page - List of Unclassifed Manufacturers MC56F8357 Datasheet HTML 8Page - List of Unclassifed Manufacturers MC56F8357 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 172 page
background image
56F8357 Technical Data, Rev. 8.0
Freescale Semiconductor
3
Preliminary
56F8357/56F8157 Block Diagram
Program Controller
and
Hardware Looping Unit
Data ALU
16 x 16 + 36 -> 36-Bit MAC
Three 16-bit Input Registers
Four 36-bit Accumulators
Address
Generation Unit
Bit
Manipulation
Unit
PLL
Clock
Generator
EXTAL
Interrupt
Controller
4
External
Address Bus
Switch
2
External Data
Bus Switch
PDB
CDBR
SPI0 or
GPIOE
IPBus Bridge (IPBB)
System
Integration
Module
P
O
R
O
S
C
Decoding
Peripherals
Peripheral
Device Selects
RW
Control
IPAB
IPWDB
IPRDB
2
System Bus
R/W Control
PAB
CDBW
Clock
resets
JTAG/
EOnCE
Port
VCAP
VDD
VSS
VDDA
VSSA
5
47
6
2
VPP
2
OCR_DIS
RESET
EXTBOOT
EMI_MODE
RSTO
4
4
6
PWM Outputs
Fault Inputs
PWMA
Current Sense Inputs or GPIOC
3
4
6
PWM Outputs
Fault Inputs
PWMB
Current Sense Inputs or GPIOD
3
Quad
Timer D or
GPIOE
Quad
Timer C or
GPIOE
AD0
AD1
ADCA
4
5
FlexCAN
2
4
AD0
AD1
4
4
4
Quadrature
Decoder 1 or
Quad
Timer B or
SPI1 or GPIOC
4
Bus Control
6
2
8
7
9
XTAL
DS (CS1) or GPIOD9
PS (CS0) or GPIOD8
RD
WR
D7-15 or GPIOF0-8
D0-6 or GPIOF9-15
A8-15 or GPIOA0-7
A0-5 or GPIOA8-13
A6-7 or GPIOE2-3
VREF
ADCB
16-Bit
56800E Core
2
COP/
Watchdog
CLKO
CLKMODE
IRQB
SCI1 or
GPIOD
SCI0 or
GPIOE
Control
IRQA
6
GPIOD0-5 or CS2-7
4
GPIOB0-3 (A16-19)
1
GPIOB4 (A20,
prescaler_clock)
3
GPIOB5-7 (A21-23,
clk0-3**)
XDB2
XAB1
XAB2
PAB
PDB
CDBR
CDBW
Digital Reg
Analog Reg
Low Voltage
Supervisor
**See Table 2-2
for explanation
Data Memory
4K x 16 Flash
8K x 16 RAM
Memory
Program Memory
128K x 16 Flash
2K x 16 RAM
TEMP_SENSE
Quadrature
Decoder 0 or
Quad
Timer or /
GPIOC
* Configuration
shown for on-chip
2.5V regulator
8K x 16
Boot Flash
56F8357/56F8157 General Description
Note: Features in italics are NOT available in the 56F8157 device.
• Up to 60 MIPS at 60MHz core frequency
• DSP and MCU functionality in a unified,
C-efficient architecture
• Access up to 4MB of off-chip program and 32MB of
data memory
• Chip Select Logic for glueless interface to ROM and
SRAM
• 256KB of Program Flash
• 4KB of Program RAM
• 8KB of Data Flash
• 16KB of Data RAM
• 16KB Boot Flash
• Up to two 6-channel PWM modules
• Four 4-channel, 12-bit ADCs
• Temperature Sensor
• Up to two Quadrature Decoders
• Optional on-chip regulator
• FlexCAN module
• Two Serial Communication Interfaces (SCIs)
• Up to two Serial Peripheral Interfaces (SPIs)
• Up to four general-purpose Quad Timers
• Computer Operating Properly (COP) / Watchdog
• JTAG/Enhanced On-Chip Emulation (OnCE™) for
unobtrusive, real-time debugging
• Up to 76 GPIO lines
• 160-pin LQFP Package


Similar Part No. - MC56F8357

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC56F8357 MOTOROLA-MC56F8357 Datasheet
1Mb / 160P
   16-bit Digital Signal Processor
logo
Freescale Semiconductor...
MC56F8357 FREESCALE-MC56F8357 Datasheet
2Mb / 177P
   16-bit Digital Signal Controllers
logo
Motorola, Inc
MC56F8357MPY60 MOTOROLA-MC56F8357MPY60 Datasheet
1Mb / 160P
   16-bit Digital Signal Processor
logo
Freescale Semiconductor...
MC56F8357MPYE FREESCALE-MC56F8357MPYE Datasheet
2Mb / 177P
   16-bit Digital Signal Controllers
logo
Motorola, Inc
MC56F8357VPY60 MOTOROLA-MC56F8357VPY60 Datasheet
1Mb / 160P
   16-bit Digital Signal Processor
More results

Similar Description - MC56F8357

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC56F8323 MOTOROLA-MC56F8323 Datasheet
1Mb / 140P
   16-bit Hybrid Controllers
logo
Freescale Semiconductor...
56F8347 FREESCALE-56F8347 Datasheet
1Mb / 176P
   16-BIT HYBRID CONTROLLERS
56F8355 FREESCALE-56F8355 Datasheet
2Mb / 164P
   16-bit Hybrid Controllers
logo
Motorola, Inc
MC56F8322 MOTOROLA-MC56F8322 Datasheet
1Mb / 136P
   16-bit Hybrid Controllers
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com