Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS19751 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS19751
Description  Competitive bill of material design
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19751 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS19751 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19751 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19751 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19751 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19751 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19751 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19751 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS19751
Taiwan Semiconductor
3
Version: B1605
The Product is Covered by Patents and/or Pending Patent Applications
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise specified)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
MOSFET Section
Drain-Source Breakdown
Voltage
BVDS
TS19751ACS
500
--
--
V
TS19751BCS
650
--
--
V
Drain-Source On-Resistance
RDS(ON)
TS19751ACS
--
--
30
Ω
TS19751BCS
--
--
17
Ω
Thermal Section
(Note 5, 6)
Thermal Shutdown
--
150
--
°C
Thermal Shutdown Release
--
120
--
°C
Note:
1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may
remain possibility to affect device reliability.
2.
Devices are ESD sensitive. Handing precaution recommended.
3.
Thermal Resistance is specified with the component mounted on a low effective thermal conductivity test board in free air at
TA=25°C.
4.
The device is not guaranteed to function outside its operating conditions.
5.
Guaranteed by design.
6.
Auto Recovery Type.
ORDERING INFORMATION
PART NO.
PACKAGE
PACKING
TS19751ACS RLG
SOP-8
2,500pcs / 13”Reel
TS19751BCS RLG
SOP-8
2,500pcs / 13”Reel


Similar Part No. - TS19751

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19751ACS TSC-TS19751ACS Datasheet
335Kb / 7P
   Single-Stage Buck Current Control LED Driver with High Voltage MOSFET Integrated
More results

Similar Description - TS19751

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1350EV3 ZETEX-ZXLD1350EV3 Datasheet
66Kb / 1P
   circuit diagram and bill of materials
ZXSC400EV2 ZETEX-ZXSC400EV2 Datasheet
66Kb / 1P
   circuit diagram and bill of materials
logo
Advanced Crystal Techno...
ACT7VC14 ACT-ACT7VC14 Datasheet
199Kb / 3P
   a range of cost competitive VCXOs
08/11/04
ACT7A01 ACT-ACT7A01 Datasheet
94Kb / 1P
   a range of cost competitive VCXOs
03/04/07
logo
ON Semiconductor
AM306228R1DBGEVB ONSEMI-AM306228R1DBGEVB Datasheet
113Kb / 1P
   Bill of Materials for the AM306228R1DBGEVB Daughterboard
2/11/2010
AM306245R2MMGEVB ONSEMI-AM306245R2MMGEVB Datasheet
159Kb / 1P
   Bill of Materials for the AM306245R2MMGEVB Evaluation Board
2/16/2010
AM305212R1DBGEVB ONSEMI-AM305212R1DBGEVB Datasheet
148Kb / 1P
   Bill of Materials for the AM305212R1DBGEVB Evaluation Board
AM305222R1DBGEVB ONSEMI-AM305222R1DBGEVB Datasheet
148Kb / 1P
   Bill of Materials for the AM305222R1DBGEVB Evaluation Board
logo
Grayhill, Inc
62AG22-L0-020C GRAYHILL-62AG22-L0-020C Datasheet
374Kb / 2P
   Price Competitive Solution
logo
Cymbet Corporation
WP-72-08 CYMBET-WP-72-08 Datasheet
455Kb / 12P
   The 8 Key Competitive Advantages of Solid State Batteries
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com