Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP2052 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT89LP2052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP2052 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT89LP2052 Datasheet HTML 1Page - ATMEL Corporation AT89LP2052 Datasheet HTML 2Page - ATMEL Corporation AT89LP2052 Datasheet HTML 3Page - ATMEL Corporation AT89LP2052 Datasheet HTML 4Page - ATMEL Corporation AT89LP2052 Datasheet HTML 5Page - ATMEL Corporation AT89LP2052 Datasheet HTML 6Page - ATMEL Corporation AT89LP2052 Datasheet HTML 7Page - ATMEL Corporation AT89LP2052 Datasheet HTML 8Page - ATMEL Corporation AT89LP2052 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 89 page
background image
Features
Compatible with MCS®51 Products
20 MIPS Throughput at 20 MHz Clock Frequency and 2.7V, 85°C Operating Conditions
Single Clock Cycle per Byte Fetch
2/4K Bytes of In-System Programmable (ISP) Flash Memory
– Serial Interface for Program Downloading
– 32-byte Fast Page Programming Mode
– 32-byte User Signature Array
2.4V to 5.5V V
CC Operating Range
Fully Static Operation: 0 Hz to 20 MHz
2-level Program Memory Lock
256 x 8 Internal RAM
Hardware Multiplier
15 Programmable I/O Lines
Configurable I/O with Quasi-bidirectional, Input, Push-pull Output, and
Open-drain Modes
Enhanced UART with Automatic Address Recognition and Framing Error Detection
Enhanced SPI with Double-buffered Send/Receive
Programmable Watchdog Timer with Software Reset
4-level Interrupt Priority
Analog Comparator with Selectable Interrupt and Debouncing
Two 16-bit Enhanced Timer/Counters with 8-bit PWM
Brown-out Detector and Power-off Flag
Internal Power-on Reset
Low Power Idle and Power-down Modes
Interrupt Recovery from Power-down Mode
1.
Description
The AT89LP2052/LP4052 is a low-power, high-performance CMOS 8-bit microcon-
troller with 2/4K bytes of In-System Programmable Flash memory. The device is
manufactured using Atmel's high-density nonvolatile memory technology and is com-
patible with the industry-standard MCS-51 instruction set. The AT89LP2052/LP4052
is built around an enhanced CPU core that can fetch a single byte from memory every
clock cycle. In the classic 8051 architecture, each fetch required 6 clock cycles, forc-
ing instructions to execute in 12, 24 or 48 clock cycles. In the AT89LP2052/LP4052
CPU, instructions need only 1 to 4 clock cycles providing 6 to 12 times more through-
put than the standard 8051. Seventy percent of instructions need only as many clock
cycles as they have bytes to execute, and most of the remaining instructions require
only one additional clock. The enhanced CPU core is capable of 20 MIPS throughput
whereas the classic 8051 CPU can deliver only 4 MIPS at the same current consump-
tion. Conversely, at the same throughput as the classic 8051, the new CPU core runs
at a much lower speed and thereby greatly reduces power consumption.
8-bit
Microcontroller
with 2/4-Kbyte
Flash
AT89LP2052
AT89LP4052
Preliminary
3547A–MICRO–3/05


Similar Part No. - AT89LP2052

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP2052 ATMEL-AT89LP2052 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP2052 ATMEL-AT89LP2052 Datasheet
1Mb / 93P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP2052 ATMEL-AT89LP2052 Datasheet
1Mb / 94P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP2052-20PI ATMEL-AT89LP2052-20PI Datasheet
1Mb / 90P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP2052-20PU ATMEL-AT89LP2052-20PU Datasheet
1Mb / 90P
   8-bit Microcontroller with 2/4-Kbyte Flash
More results

Similar Description - AT89LP2052

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP2052 ATMEL-AT89LP2052_08 Datasheet
1Mb / 93P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP2052 ATMEL-AT89LP2052_09 Datasheet
1Mb / 94P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP2052 ATMEL-AT89LP2052_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89S8253 ATMEL-AT89S8253_10 Datasheet
1Mb / 60P
   8-bit Microcontroller with 12 Kbyte Flash
AT89C51IC2 ATMEL-AT89C51IC2_04 Datasheet
1Mb / 146P
   8-bit Flash Microcontroller with 2-wire Interface
AT89C51IC2 ATMEL-AT89C51IC2 Datasheet
1Mb / 146P
   8-bit Flash Microcontroller with 2-wire Interface
AT89C51IC2 ATMEL-AT89C51IC2_08 Datasheet
1Mb / 147P
   8-bit Flash Microcontroller with 2-wire Interface
ATTINY25 ATMEL-ATTINY25_10 Datasheet
758Kb / 30P
   8-bit Microcontroller with 2/4/8KBytes In-System Programmable Flash
logo
STMicroelectronics
ST10F271B STMICROELECTRONICS-ST10F271B Datasheet
1Mb / 180P
   16-bit MCU with 128 Kbyte Flash memory and 8/12 Kbyte RAM
logo
ATMEL Corporation
ATTINY24 ATMEL-ATTINY24_08 Datasheet
562Kb / 26P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com