Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM5NC50CF Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM5NC50CF
Description  Advanced planar process
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM5NC50CF Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM5NC50CF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM5NC50CF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM5NC50CF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM5NC50CF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM5NC50CF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM5NC50CF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSM5NC50CF
Taiwan Semiconductor
1
Version: A1607
N-Channel Power MOSFET
500V, 5A, 1.38
Ω
FEATURES
● 100% UIS and R
g tested
● Advanced planar process
● Compliant to RoHS Directive 2011/65/EU and in
accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● AC/DC LED Lighting
● Power Supply
KEY PERFORMANCE PARAMETERS
PARAMETER
VALUE
UNIT
VDS
500
V
RDS(on) (max)
1.38
Ω
Qg
15
nC
ITO-220S
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
Limit
UNIT
Drain-Source Voltage
VDS
500
V
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current
(Note 1)
TC = 25°C
ID
5
A
TC = 100°C
2.2
Pulsed Drain Current
(Note 2)
IDM
15
A
Total Power Dissipation @ TC = 25°C
PDTOT
40
W
Single Pulse Avalanche Energy
(Note 3)
EAS
122.5
mJ
Single Pulse Avalanche Current
(Note 3)
IAS
3.5
A
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
°C
THERMAL PERFORMANCE
PARAMETER
SYMBOL
Limit
UNIT
Junction to Case Thermal Resistance
RӨJC
3.1
°C/W
Junction to Ambient Thermal Resistance
RӨJA
62
°C/W
Thermal Performance Note: RӨJA is the sum of the junction-to-case and case-to-ambient thermal resistances. The case-
thermal reference is defined at the solder mounting surface of the drain pins. RӨJA is guaranteed by design while RӨCA is
determined by the user’s board design. RӨJA shown below for single device operation on FR-4 PCB in still air.


Similar Part No. - TSM5NC50CF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM5NC50CP TSC-TSM5NC50CP Datasheet
312Kb / 6P
   Halogen-free according to IEC 61249-2-21
TSM5NC50CZ TSC-TSM5NC50CZ Datasheet
334Kb / 6P
   Advanced planar process
More results

Similar Description - TSM5NC50CF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM7NC60CF TSC-TSM7NC60CF Datasheet
413Kb / 6P
   Advanced planar process
TSM2N100CP TSC-TSM2N100CP Datasheet
815Kb / 6P
   Advanced planar process
TSM4NC60CI TSC-TSM4NC60CI Datasheet
416Kb / 6P
   Advanced planar process
TSM10NC60CF TSC-TSM10NC60CF Datasheet
353Kb / 6P
   Advanced planar process
TSM3N100CP TSC-TSM3N100CP Datasheet
823Kb / 6P
   Advanced planar process
TSM5NC50CZ TSC-TSM5NC50CZ Datasheet
334Kb / 6P
   Advanced planar process
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com