Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGF802-20 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BGF802-20
Description  CDMA800 power module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGF802-20 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BGF802-20 Datasheet HTML 4Page - NXP Semiconductors BGF802-20 Datasheet HTML 5Page - NXP Semiconductors BGF802-20 Datasheet HTML 6Page - NXP Semiconductors BGF802-20 Datasheet HTML 7Page - NXP Semiconductors BGF802-20 Datasheet HTML 8Page - NXP Semiconductors BGF802-20 Datasheet HTML 9Page - NXP Semiconductors BGF802-20 Datasheet HTML 10Page - NXP Semiconductors BGF802-20 Datasheet HTML 11Page - NXP Semiconductors BGF802-20 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2003 Feb 24
10
Philips Semiconductors
Product specification
CDMA800 power module
BGF802-20
PACKAGE OUTLINE
UNIT
Q
b
Z
c
e
U2
U1
U
Fp
q
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
01-06-06
02-11-13
IEC
JEDEC
JEITA
mm
4.0
3.8
0.56
0.46
A
9.5
9.0
0.3
0.2
D
30.1
29.9
E
18.6
18.4
12.8
12.6
3.55
3.45
41.75
41.65
2.54
e1
20.32
3.3
3.1
L
3.7
3.3
7.75
7.55
U3
1.1
0.0
15.4
15.2
48.4
48.0
0.3
0.25
vw
0.1
y
DIMENSIONS (mm are the original dimensions)
SOT365C
0
10
20 mm
scale
Plastic rectangular single-ended flat package; flange mounted; 2 mounting holes; 3 in-line leads
SOT365C
p
U2
U3
F
A
U1
U
D
q
E
L
y
Q
c
v A
A
w M
b
Z
23
1
e1
e


Similar Part No. - BGF802-20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGF844 PHILIPS-BGF844 Datasheet
91Kb / 12P
   GSM800 EDGE power module
2003 Jun 06
More results

Similar Description - BGF802-20

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TF0035A TAI-SAW-TF0035A Datasheet
1Mb / 8P
   CDMA800 SAW Duplexer
TF0036A TAI-SAW-TF0036A Datasheet
1Mb / 8P
   CDMA800 SAW Duplexer
logo
Bourns Electronic Solut...
SLN10A-5SA BOURNS-SLN10A-5SA Datasheet
246Kb / 2P
   Power Module
logo
Toshiba Semiconductor
MP7003 TOSHIBA-MP7003 Datasheet
157Kb / 7P
   Power Module
logo
Bi technologies
7721-1A BITECH-7721-1A Datasheet
93Kb / 5P
   Power Module
logo
Insel Rectifier India P...
IRKT500 IRI-IRKT500 Datasheet
1Mb / 5P
   POWER MODULE
IRKT330 IRI-IRKT330 Datasheet
1Mb / 5P
   POWER MODULE
IRKT130 IRI-IRKT130 Datasheet
1Mb / 5P
   POWER MODULE
IRKD40 IRI-IRKD40 Datasheet
2Mb / 4P
   POWER MODULE
logo
Solid States Devices, I...
PM0017 SSDI-PM0017_15 Datasheet
51Kb / 2P
   POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com