Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC04-14HWA Datasheet(PDF) 3 Page - Kingbright Corporation

Part # DC04-14HWA
Description  10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

DC04-14HWA Datasheet(HTML) 3 Page - Kingbright Corporation

  DC04-14HWA Datasheet HTML 1Page - Kingbright Corporation DC04-14HWA Datasheet HTML 2Page - Kingbright Corporation DC04-14HWA Datasheet HTML 3Page - Kingbright Corporation DC04-14HWA Datasheet HTML 4Page - Kingbright Corporation DC04-14HWA Datasheet HTML 5Page - Kingbright Corporation DC04-14HWA Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
7-D04-3
Symbol
Parameter
Device
Typ.
Max.
Units Test Conditions
Peak Wavelength
Bright Red
H igh Efficiency Red
Green
Yellow
Super Bright Red
700
625
565
590
660
nm
IF=20mA
Spectral Line
Halfwidth
Bright Red
High Efficiency Red
Green
Yellow
Super Bright Red
45
45
30
35
20
nm
IF=20mA
Capacitance
Bright Red
High Efficiency Red
Green
Yellow
Super Bright Red
40
12
45
10
95
pF
VF=0V;f=1MHz
Forward Voltage
Bright Red
High Efficiency Red
Green
Yellow
Super Bright Red
2.0
2.0
2.2
2.1
1.85
2.5
2.5
2.5
2.5
2.5
V
IF=20mA
Reverse Current
All
10
uA
VR = 5V
IR
vF
C
∆λ1/2
Electrical / Optical Characteristics at TA=25°C
λpeak
Absolute Maximum Ratings at TA=25°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2.4mmbelowpackagebase
Parameter
Bright Red High Efficiency
Red
Green
Yellow
Super
Bright Red
Units
Power dissipation
120
105
105
105
100
mW
DC Forward Current
25
30
25
30
30
mA
Peak Forward Current [1]
150
150
150
150
150
mA
Reverse Voltage
5
5
5
5
5
V
Operating/Storage Temperature
-40
To +85
Lead Soldering Temperature [2]
260
For 5 Seconds
°C
°C
°C


Similar Part No. - DC04-14HWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DC04-11CGKWA KINGBRIGHT-DC04-11CGKWA Datasheet
367Kb / 6P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DC04-11EWA KINGBRIGHT-DC04-11EWA Datasheet
154Kb / 4P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DC04-11GWA KINGBRIGHT-DC04-11GWA Datasheet
178Kb / 4P
   10mm (0.394INCH) DUAL DIGIT NUMERIC DISPLAY
DC04-11PBWA-A KINGBRIGHT-DC04-11PBWA-A Datasheet
159Kb / 4P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DC04-11PBWA/A KINGBRIGHT-DC04-11PBWA/A Datasheet
159Kb / 4P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
More results

Similar Description - DC04-14HWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DA04-11SYKWA KINGBRIGHT-DA04-11SYKWA Datasheet
354Kb / 6P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DC04-11SYKWA KINGBRIGHT-DC04-11SYKWA Datasheet
367Kb / 6P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DA04-11CGKWA KINGBRIGHT-DA04-11CGKWA Datasheet
355Kb / 6P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DC04-11PBWA-A KINGBRIGHT-DC04-11PBWA-A Datasheet
159Kb / 4P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DC04-11YWA KINGBRIGHT-DC04-11YWA Datasheet
154Kb / 4P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DC04-11SRWA KINGBRIGHT-DC04-11SRWA Datasheet
152Kb / 4P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DA04-11SURKWA KINGBRIGHT-DA04-11SURKWA Datasheet
356Kb / 6P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DC04-11CGKWA KINGBRIGHT-DC04-11CGKWA Datasheet
367Kb / 6P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DA04-11GWA KINGBRIGHT-DA04-11GWA Datasheet
154Kb / 4P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DA04-11SRWA KINGBRIGHT-DA04-11SRWA Datasheet
153Kb / 4P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com