Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8801IDRBT Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC8801IDRBT
Description  14-Bit, Serial Input Multiplying Digital-to-Analog Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8801IDRBT Datasheet(HTML) 3 Page - Burr-Brown (TI)

  DAC8801IDRBT Datasheet HTML 1Page - Burr-Brown (TI) DAC8801IDRBT Datasheet HTML 2Page - Burr-Brown (TI) DAC8801IDRBT Datasheet HTML 3Page - Burr-Brown (TI) DAC8801IDRBT Datasheet HTML 4Page - Burr-Brown (TI) DAC8801IDRBT Datasheet HTML 5Page - Burr-Brown (TI) DAC8801IDRBT Datasheet HTML 6Page - Burr-Brown (TI) DAC8801IDRBT Datasheet HTML 7Page - Burr-Brown (TI) DAC8801IDRBT Datasheet HTML 8Page - Burr-Brown (TI) DAC8801IDRBT Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC8801
SLAS403A – NOVEMBER 2004 – REVISED DECEMBER 2004
V
DD = +2.7 V to +5.5 V; IOUT = Virtual GND, GND = 0 V; VREF = 10 V; TA = Full Operating Temperature; all specifications
-40
°C to +85°C unless otherwise noted.
DAC8801
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE
Resolution
14
Bits
Relative accuracy
±1
LSB
Differential nonlinearity
±0.5
LSB
Output leakage current
Data = 0000h, TA = 25°C
10
nA
Output leakage current
Data = 0000h, TA = TMAX
10
nA
Full-scale gain error
All ones loaded to DAC register
±1
±4
mV
Full-scale tempco
±3
ppm of FSR/
°C
OUTPUT CHARACTERISTICS(1)
Output current
2
mA
Output capacitance
Code dependent
50
pF
REFERENCE INPUT
VREF Range
-15
15
V
Input resistance
5
k
Input capacitance
5
pF
LOGIC INPUTS AND OUTPUT(1)
Input low voltage
VIL VDD = +2.7V
0.6
V
Input low voltage
VIL VDD = +5V
0.8
V
Input high voltage
VIH VDD = +2.7V
2.1
V
Input high voltage
VIH VDD = +5V
2.4
V
Input leakage current
IIL
10
µA
Input capacitance
CIL
10
pF
INTERFACE TIMING
Clock input frequency
fCLK
50
MHz
Clock pulse width high
10
ns
Clock pulse width low
10
ns
CS to Clock setup time
0
ns
Clock to CS hold time
10
ns
Data setup time
5
ns
Data hold time
10
ns
POWER REQUIREMENTS
VDD
2.7
5.5
V
IDD (normal operation)
Logic inputs = 0 V
5
µA
VDD = +4.5V to +5.5V
VIH = VDD and VIL = GND
3
5
µA
VDD = +2.7V to +3.6V
VIH = VDD and VIL = GND
1
2.5
µA
AC CHARACTERISTICS
Output voltage settling time
0.5
µs
Reference multiplying BW
VREF = 5 VPP, Data = 3FFFh
10
MHz
DAC glitch impulse
VREF = 0 V, Data = 3FFFh to 2000h
2
nV/s
Feedthrough error
VREF = 100 mVRMS, 100kHz, Data = 0000h
-70
dB
Digital feedthrough
2
nV/s
Total harmonic distortion
100Hz to 20kHz
-105
dB
Output spot noise voltage
f = 1 kHz, BW = 1 Hz
12
nV/
√Hz
(1)
Specified by design and characterization, not production tested.
3


Similar Part No. - DAC8801IDRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8801IDRBT TI1-DAC8801IDRBT Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC8801IDRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8801 TI1-DAC8801_16 Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803_15 Datasheet
2Mb / 26P
[Old version datasheet]   Quad, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803 Datasheet
261Kb / 30P
[Old version datasheet]   Quad, Current Output, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com