Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8801IDRBR Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DAC8801IDRBR
Description  14-Bit, Serial Input Multiplying Digital-to-Analog Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8801IDRBR Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button DAC8801IDRBR Datasheet HTML 6Page - Burr-Brown (TI) DAC8801IDRBR Datasheet HTML 7Page - Burr-Brown (TI) DAC8801IDRBR Datasheet HTML 8Page - Burr-Brown (TI) DAC8801IDRBR Datasheet HTML 9Page - Burr-Brown (TI) DAC8801IDRBR Datasheet HTML 10Page - Burr-Brown (TI) DAC8801IDRBR Datasheet HTML 11Page - Burr-Brown (TI) DAC8801IDRBR Datasheet HTML 12Page - Burr-Brown (TI) DAC8801IDRBR Datasheet HTML 13Page - Burr-Brown (TI) DAC8801IDRBR Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
www.ti.com
APPLICATION INFORMATION
Stability Circuit
_
+
VDD
RFB
IOUT
GND
U1
VDD
VREF
VOUT
C1
U2
VREF
Positive Voltage Output Circuit
GND
OPA277
−2.5 V
GND
0 3 VOUT 3 +2.5 V
VOUT
IOUT
OPA277
C1
RFB
DAC8801
VDD
VDD
+2.5V Reference
VIN
VOUT
VREF
+
+
DAC8801
SLAS403A – NOVEMBER 2004 – REVISED DECEMBER 2004
For a current-to-voltage design as shown in Figure 20, the DAC8801 current output (IOUT) and the connection
with the inverting node of the op amp should be as short as possible and according to correct PCB layout design.
For each code change there is a step function. If the GBP of the op amp is limited and parasitic capacitance is
excessive at the inverting node then gain peaking is possible. Therefore, for circuit stability, a compensation
capacitor C1 (4 pF to 20 pF typ) can be added to the design as shown in Figure 20.
Figure 20. Gain Peaking Prevention Circuit With Compensation Capacitor
As shown in Figure 21, in order to generate a positive voltage output, a negative reference is input to the
DAC8801. This design is suggested instead of using an inverting amp to invert the output due to tolerance errors
of the resistor. For a negative reference, VOUT and GND of the reference are level-shifted to a virtual ground and
a -2.5 V input to the DAC8801 with an op amp.
Figure 21. Positive Voltage Output Circuit
10


Similar Part No. - DAC8801IDRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8801IDRBR TI1-DAC8801IDRBR Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC8801IDRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8801 TI1-DAC8801_16 Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803_15 Datasheet
2Mb / 26P
[Old version datasheet]   Quad, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803 Datasheet
261Kb / 30P
[Old version datasheet]   Quad, Current Output, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com