Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2113WUF4 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF2113WUF4
Description  LCD controllers/drivers
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2113WUF4 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF2113WUF4 Datasheet HTML 2Page - NXP Semiconductors PCF2113WUF4 Datasheet HTML 3Page - NXP Semiconductors PCF2113WUF4 Datasheet HTML 4Page - NXP Semiconductors PCF2113WUF4 Datasheet HTML 5Page - NXP Semiconductors PCF2113WUF4 Datasheet HTML 6Page - NXP Semiconductors PCF2113WUF4 Datasheet HTML 7Page - NXP Semiconductors PCF2113WUF4 Datasheet HTML 8Page - NXP Semiconductors PCF2113WUF4 Datasheet HTML 9Page - NXP Semiconductors PCF2113WUF4 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
2001 Dec 19
6
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2113x
6
PINNING
SYMBOL
PIN
PCF2113DH
PAD(1)
PCF2113XU
TYPE
DESCRIPTION
VDD1
1
1
P
supply voltage 1 for all except VLCD generator
OSC
2
2
I
oscillator/external clock input; note 2
PD
3
3
I
power-down select input; for normal operation PD is LOW
T3
4
I
test pad; open circuit and not user accessible
T1
4
5
I
test pin; must be connected to VSS1
T2
6
I
test pad; must be connected to VSS1
VSS1
5
7
P
ground 1 for all except VLCD generator
VSS2
6
8
P
ground 2 for VLCD generator
VLCD2
79
O
VLCD output if VLCD is generated internally; note 7
VLCDSENSE
10
I
input (VLCD) for voltage multiplier regulation; notes 3 and 7
VLCD1
8
11
I
input for generation of LCD bias levels; note 7
R9 to R16
9 to 16
12 to 19
O
LCD row driver outputs 9 to 16
R18
17
20
O
LCD row driver output 18
C60 to C53
18 to 25
21 to 28
O
LCD column driver outputs 60 to 53
dummy pad
29
dummy pad
30
C52 to C28
26 to 50
31 to 55
O
LCD column driver outputs 52 to 28
dummy pad
56
dummy pad
57
C27 to C3
51 to 75
58 to 82
O
LCD column driver outputs 27 to 3
dummy pad
83
dummy pad
84
C2
76
85
O
LCD column driver output 2
C1
77
86
O
LCD column driver output 1
R8 to R1
78 to 85
87 to 94
O
LCD row driver outputs 8 to 1
R17
86
95
O
LCD row driver output 17
SCL
87
96
I
I2C-bus serial clock input; note 4
SDA
88
97
I/O
I2C-bus serial data input/output; note 4
E
89
98
I
data bus clock input; note 4
RS
90
99
I
register select input
R/W
91
100
I
read/write input
DB7
92
101
I/O
8-bit bidirectional data bus bit 7; note 5
DB6
93
102
I/O
8-bit bidirectional data bus bit 6
DB5
94
103
I/O
8-bit bidirectional data bus bit 5
DB4
95
104
I/O
8-bit bidirectional data bus bit 4
DB3/SA0
96
105
I/O
8-bit bidirectional data bus bit 3 or I2C-bus address pin;
notes 4 and 5
DB2
97
106
I/O
8-bit bidirectional data bus bit 2
DB1
98
107
I/O
8-bit bidirectional data bus bit 1


Similar Part No. - PCF2113WUF4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2113WU NXP-PCF2113WU Datasheet
862Kb / 107P
   Automotive LCD driver for character displays
Rev. 4 ??8 April 2015
PCF2113WU/2/F4 NXP-PCF2113WU/2/F4 Datasheet
404Kb / 65P
   LCD controllers/drivers
Rev. 04-4 March 2008
More results

Similar Description - PCF2113WUF4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2119X PHILIPS-PCF2119X Datasheet
339Kb / 68P
   LCD controllers/drivers
2003 Jan 30
PCF2119X-2 PHILIPS-PCF2119X-2 Datasheet
261Kb / 60P
   LCD controllers/drivers
28. August 2000
PCF2103 PHILIPS-PCF2103 Datasheet
300Kb / 56P
   LCD controllers/drivers
1998 May 11
PCF2113X NXP-PCF2113X Datasheet
404Kb / 65P
   LCD controllers/drivers
Rev. 04-4 March 2008
PCF2119X NXP-PCF2119X Datasheet
457Kb / 79P
   LCD controllers/drivers
Rev. 05-13 August 2009
PCF2119X NXP-PCF2119X_11 Datasheet
1Mb / 83P
   LCD controllers/drivers Single-chip LCD controller and driver
Rev. 9-14 April 2011
PCF2119X NXP-PCF2119X_10 Datasheet
2Mb / 83P
   LCD controllers/drivers Single-chip LCD controller and driver
Rev. 7-15 November 2010
logo
National Semiconductor ...
DS8887 NSC-DS8887 Datasheet
232Kb / 4P
   DISPLAY CONTROLLERS / DRIVERS
logo
NXP Semiconductors
PCF2100CP PHILIPS-PCF2100CP Datasheet
206Kb / 24P
   LCD drivers
1997 Mar 28
PCF21XXC NXP-PCF21XXC Datasheet
258Kb / 25P
   LCD drivers
Rev. 3 - 6 May 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com