Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83L30 Datasheet(PDF) 3 Page - Exar Corporation

Part # XRT83L30
Description  SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83L30 Datasheet(HTML) 3 Page - Exar Corporation

  XRT83L30 Datasheet HTML 1Page - Exar Corporation XRT83L30 Datasheet HTML 2Page - Exar Corporation XRT83L30 Datasheet HTML 3Page - Exar Corporation XRT83L30 Datasheet HTML 4Page - Exar Corporation XRT83L30 Datasheet HTML 5Page - Exar Corporation XRT83L30 Datasheet HTML 6Page - Exar Corporation XRT83L30 Datasheet HTML 7Page - Exar Corporation XRT83L30 Datasheet HTML 8Page - Exar Corporation XRT83L30 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 78 page
background image
áç
áç
áç
áç
XRT83L30
SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.3.0
3
G.775, G.736 and G.823; TR-TSY-000499; ANSI
T1.403 and T1.408; ETSI 300-166 and AT&T Pub
62411
• Supports both Hardware and serial Microprocessor
interface for programming
• Programmable Interrupt
• Low power dissipation
• Logic inputs accept either 3.3V or 5V levels
• Single +3.3V Supply Operation
• 64 pin TQFP package
• -40°C to +85°C Temperature Range
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
XRT83L30IV
64 Lead TQFP (14 x 20 x 1.4mm)
-40°C to +85°C
FIGURE 3. PIN OUT OF THE XRT83L30
XRT83L30
AGND
AVDD
LOOP0
LOOP1
SR / DR
ATAOS
TRATIO
EQC0 / INT
EQC1 / CS
EQC2 / SCLK
EQC3 / SDO
EQC4 / SDI
HW /HOST
CLKSEL0
CLKSEL1
CLKSEL2
GAUGE
RXMUTE
RXRES1
RXRES0
RCLKE
TXTEST2
TXTEST1
TXTEST0
TCLKE
TXON
ICT
TCLK
TPOS / TDATA
TNEG / CODES
RLOS
RCLK
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64


Similar Part No. - XRT83L30

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L30 EXAR-XRT83L30 Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30IV EXAR-XRT83L30IV Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30_06 Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results

Similar Description - XRT83L30

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L30 EXAR-XRT83L30_06 Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83VL38 EXAR-XRT83VL38 Datasheet
825Kb / 88P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34_05 Datasheet
1Mb / 99P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38 Datasheet
1Mb / 91P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34 Datasheet
529Kb / 82P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38_07 Datasheet
1Mb / 87P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL30 EXAR-XRT83SL30 Datasheet
417Kb / 76P
   SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL34 EXAR-XRT83SL34 Datasheet
856Kb / 80P
   QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38 Datasheet
586Kb / 89P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38_07 Datasheet
1Mb / 88P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com