Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1312R Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # CC1312R
Description  SimpleLink High-Performance Sub-1 GHz Wireless MCU
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1312R Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC1312R Datasheet HTML 28Page - Texas Instruments CC1312R Datasheet HTML 29Page - Texas Instruments CC1312R Datasheet HTML 30Page - Texas Instruments CC1312R Datasheet HTML 31Page - Texas Instruments CC1312R Datasheet HTML 32Page - Texas Instruments CC1312R Datasheet HTML 33Page - Texas Instruments CC1312R Datasheet HTML 34Page - Texas Instruments CC1312R Datasheet HTML 35Page - Texas Instruments CC1312R Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
32
CC1312R
SWRS210 – JANUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC1312R
Detailed Description
Copyright © 2018, Texas Instruments Incorporated
6.6
Sensor Controller
The Sensor Controller contains circuitry that can be selectively enabled in both Standby and Active power
modes. The peripherals in this domain can be controlled by the Sensor Controller Engine, which is a
proprietary power-optimized CPU. This CPU can read and monitor sensors or perform other tasks
autonomously; thereby significantly reducing power consumption and offloading the system CPU.
The Sensor Controller Engine is user programmable with a simple programming language that has syntax
similar to C. This programmability allows for sensor polling and other tasks to be specified as sequential
algorithms rather than static configuration of complex peripheral modules, timers, DMA, register
programmable state machines, or event routing.
The main advantages are:
Flexibility
Dynamic reuse of hardware resources
Ability to perform simple data processing without the need for dedicated hardware
Observability and debugging options
Sensor Controller Studio is used to write, test, and debug code for the Sensor Controller. The tool
produces C driver source code, which the System CPU application uses to control and exchange data
with the Sensor Controller. Typical use cases may be (but are not limited to) the following:
Read analog sensors using integrated ADC or comparators
Interface digital sensors using GPIOs with SPI or I2C (bit-banged)
Capacitive sensing
Waveform generation
Very low-power pulse counting (flow metering)
Key scan
The peripherals in the Sensor Controller include the following:
The low-power clocked comparator can be used to wake the system CPU from any state in which the
comparator is active. A configurable internal reference DAC can be used in conjunction with the
comparator. The output of the comparator can also be used to trigger an interrupt or the ADC.
Capacitive sensing functionality is implemented through the use of a constant current source, a time-
to-digital converter, and a comparator. The continuous time comparator in this block can also be used
as a higher-accuracy alternative to the low-power clocked comparator. The Sensor Controller takes
care of baseline tracking, hysteresis, filtering, and other related functions when these modules are
used for capacitive sensing.
The ADC is a 12-bit, 200-ksamples/s ADC with eight inputs and a built-in voltage reference. The ADC
can be triggered by many different sources including timers, I/O pins, software, and comparators.
The analog modules can connect to up to eight different GPIOs
Dedicated SPI master with up to 6-MHz clock speed
The peripherals in the Sensor Controller can also be controlled from the main application processor.


Similar Part No. - CC1312R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1312R TI-CC1312R Datasheet
2Mb / 58P
[Old version datasheet]   CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
CC1312R TI-CC1312R Datasheet
3Mb / 63P
[Old version datasheet]   CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC1312R TI-CC1312R Datasheet
2Mb / 72P
[Old version datasheet]   CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
JUNE 2022
CC1312R TI-CC1312R Datasheet
1Mb / 54P
[Old version datasheet]   CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
CC1312R TI-CC1312R Datasheet
3Mb / 72P
[Old version datasheet]   CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU with Integrated Power Amplifier
REVISED JUNE 2023
More results

Similar Description - CC1312R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1312R7 TI-CC1312R7 Datasheet
3Mb / 58P
[Old version datasheet]   CC1312R7 SimpleLink??High-Performance Sub-1 GHz Wireless MCU
REVISED NOVEMBER 2021
CC1311R3 TI-CC1311R3 Datasheet
2Mb / 64P
[Old version datasheet]   CC1311R3 SimpleLink??High-Performance Sub-1 GHz Wireless MCU
MARCH 2022
CC1314R10 TI-CC1314R10 Datasheet
3Mb / 78P
[Old version datasheet]   CC1314R10 SimpleLink™ High-Performance Sub-1 GHz Wireless MCU
REVISED JUNE 2023
CC1310 TI1-CC1310_16 Datasheet
1Mb / 54P
[Old version datasheet]   SimpleLink Ultralow Power Sub-1-GHz Wireless MCU
CC1311P3 TI-CC1311P3 Datasheet
3Mb / 63P
[Old version datasheet]   CC1311P3 SimpleLink??High-Performance Sub-1 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC2674R10 TI1-CC2674R10 Datasheet
3Mb / 69P
[Old version datasheet]   CC2674R10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU
REVISED JUNE 2023
CC1310 TI-CC1310_15 Datasheet
662Kb / 46P
[Old version datasheet]   CC1310 SimpleLink Ultra-Low Power Sub-1 GHz Wireless MCU
CC1352R TI1-CC1352R Datasheet
1Mb / 54P
[Old version datasheet]   SimpleLink High-Performance Dual-Band Wireless MCU
CC2652R TI1-CC2652R Datasheet
1Mb / 47P
[Old version datasheet]   SimpleLink Multiprotocol 2.4-GHz Wireless MCU
CC2651R3 TI-CC2651R3 Datasheet
2Mb / 60P
[Old version datasheet]   CC2651R3 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
SWRS258 ??SEPTEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com