Selected language     English  ▼


CS6422-CS Datasheet(PDF) 9 Page - Cirrus Logic

Part No. CS6422-CS
Description  Enhanced Full-Duplex Speakerphone IC
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 9 page
background image
CS6422
9
AVDD
AGND
API
APO
MB
AO
CLKO
CLKI
STROBE
DATA
DRDY
NI
NO
DGND
DVDD
0.1
µF
10
µF
+
0.1
µF
10
µF
+
0.47
µF
10
µF
22pF
Network
Line Out
Network
Line In
From
Microcontroller
22pF
+5V Analog
0.022
µF
0.1
µF
+
RST
NC1
NC2
NC3
NC4
1
2
20
18
19
3
3300pF
12.1 k
13
14
9
10
11
12
20.480 MHz
8
6
5
7
3300 pF
6.04 k
0.47
µF
3300 pF
12.1 k
17
4
15
16
ferrite bead
Mic Bias
Speaker
Driver
CS6422
Figure 4. Typical Connection Diagram (Microphone Preamplifier Enabled)
AVDD
AGND
API
APO
MB
AO
CLKO
CLKI
STROBE
DATA
DRDY
NI
NO
DGND
DVDD
0.1
µF
10
µF
+
0.1
µF
10
µF
+
0.47
µF
10
µF
22pF
Network
Line Out
Network
Line In
From
Microprocessor
22pF
+5V Analog
0.1
µF
+
RST
NC1
NC2
NC3
NC4
1
2
20
18
19
3
3300pF
12.1 k
13
14
9
10
11
12
20.480 MHz
8
6
5
7
3300 pF
6.04 k
0.47
µF
3300 pF
12.1 k
17
4
15
16
ferrite bead
3300 pF
0.47
µF
6.04 k
CS6422
Speaker
Driver
External Mic
Preamp
Figure 5. Typical Connection Diagram (Microphone Preamplifier Disabled)
CS6422
DS295F1
9




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISD-T360SBVoiceDSP Digital Speech Processor with Master/Slave Full-Duplex Speakerphone Multiple Flash and ARAM/DRAM Support 1 2 3 4 5 MoreList of Unclassifed Manufacturers
DS34LV87TEnhanced CMOS Quad Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
PM9311ENHANCED TT1™ SWITCH FABRIC 1 2 3 4 5 MorePMC-Sierra, Inc
STLC54122B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE 1 2 3 4 5 MoreSTMicroelectronics
SP483EEnhanced Low EMI Half-Duplex RS-485 Transceiver 1 2 3 4 5 MoreSipex Corporation
TS68882CMOS Enhanced Floating-point Co-processor 1 2 3 4 5 MoreATMEL Corporation
PIC16F84A18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller 1 2 3 4 5 MoreMicrochip Technology
USBN9604Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support 1 2 3 4 5 MoreNational Semiconductor (TI)
82C211NEW ENHANCED AT DATA BOOK 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl