Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY23FP12OIT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY23FP12OIT
Description  200-MHz Field Programmable Zero Delay Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23FP12OIT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY23FP12OIT Datasheet HTML 2Page - Cypress Semiconductor CY23FP12OIT Datasheet HTML 3Page - Cypress Semiconductor CY23FP12OIT Datasheet HTML 4Page - Cypress Semiconductor CY23FP12OIT Datasheet HTML 5Page - Cypress Semiconductor CY23FP12OIT Datasheet HTML 6Page - Cypress Semiconductor CY23FP12OIT Datasheet HTML 7Page - Cypress Semiconductor CY23FP12OIT Datasheet HTML 8Page - Cypress Semiconductor CY23FP12OIT Datasheet HTML 9Page - Cypress Semiconductor CY23FP12OIT Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CY23FP12
Document #: 38-07246 Rev. *E
Page 9 of 10
© Cypress Semiconductor Corporation, 2004. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Package Drawing and Dimension
Total Timing Budget, TTB, Spread Aware, and CyberClocks are trademarks of Cypress Semiconductor Corporation. All product
and company names mentioned in this document are the trademarks of their respective holders.
Test Circuits
Ordering Information
Ordering Code
Package Type
Operating Range
CY23FP12OC
28-pin SSOP
Commercial, 0°C to 70°C
CY23FP12OCT
28-pin SSOP – Tape and Reel
Commercial,0°C to 70°C
CY23FP12OI
28-pin SSOP
Industrial, –40°C to 85°C
CY23FP12OIT
28-pin SSOP – Tape and Reel
Industrial, –40°C to 85°C
CY3672
Development Kit
CY3692
CY23FP12S Socket (Label CY3672 ADP006)
Lead-free
CY23FP12OXC
28-pin SSOP
Commercial, 0°C to 70°C
CY23FP12OXCT
28-pin SSOP – Tape and Reel
Commercial,0°C to 70°C
CY23FP12OXI
28-pin SSOP
Industrial, –40°C to 85°C
CY23FP12OXIT
28-pin SSOP – Tape and Reel
Industrial, –40°C to 85°C
0.1
µ F
V
DD
0.1
µ F
V
DD
CLK OUT
C
LOAD
OUTPUTS
GND
GND
Test Circuit # 1
Test Circuit for all parameters
28-lead (5.3 mm) Shrunk Small Outline Package O28
51-85079-*C


Similar Part No. - CY23FP12OIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23FP12OI-002 CYPRESS-CY23FP12OI-002 Datasheet
212Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12OI-002T CYPRESS-CY23FP12OI-002T Datasheet
212Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
More results

Similar Description - CY23FP12OIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23FP12-002 CYPRESS-CY23FP12-002 Datasheet
212Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12-002 CYPRESS-CY23FP12-002_11 Datasheet
525Kb / 14P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12_11 Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12_12 Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
CY23020-1 CYPRESS-CY23020-1 Datasheet
121Kb / 10P
   20-output, 200-MHz Zero Delay Buffer
Z9960 CYPRESS-Z9960 Datasheet
253Kb / 7P
   2.5V/3.3V, 200 MHz Multi-Output Zero Delay Buffer
CY2V9950 CYPRESS-CY2V9950 Datasheet
251Kb / 9P
   2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
CY2V995 CYPRESS-CY2V995 Datasheet
281Kb / 10P
   S2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com