Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY23FP12OXIT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY23FP12OXIT
Description  200-MHz Field Programmable Zero Delay Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23FP12OXIT Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY23FP12OXIT Datasheet HTML 1Page - Cypress Semiconductor CY23FP12OXIT Datasheet HTML 2Page - Cypress Semiconductor CY23FP12OXIT Datasheet HTML 3Page - Cypress Semiconductor CY23FP12OXIT Datasheet HTML 4Page - Cypress Semiconductor CY23FP12OXIT Datasheet HTML 5Page - Cypress Semiconductor CY23FP12OXIT Datasheet HTML 6Page - Cypress Semiconductor CY23FP12OXIT Datasheet HTML 7Page - Cypress Semiconductor CY23FP12OXIT Datasheet HTML 8Page - Cypress Semiconductor CY23FP12OXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CY23FP12
Document #: 38-07246 Rev. *E
Page 4 of 10
Below is a list of independent functions, which can be
assigned to each of the four S1 and S2 combinations. When
a particular S1 and S2 combination is selected, the device will
assume the configuration (which is essentially a set of
functions given in Table 2, below) that has been preassigned
to that particular combination.
Inv CLKB4
Generates an inverted clock on the CLKB4 output. When this option is
programmed, CLKB4 and CLKB5 will become complimentary pairs.
Non-invert
Pull-down Enable
Enables/Disables internal pulldowns on all outputs
Enable
Fbk Pull-down Enable
Enables/Disables internal pulldowns on the feedback path (applicable to both
internal and external feedback topologies)
Enable
Fbk Sel
Selects between the internal and the external feedback topologies
External
Table 1. (continued)
Configuration
Description
Default
Table 2.
Function
Description
Default
Output Enable CLKB[5:4] Enables/Disables CLKB[5:4] output pair
Enable
Output Enable CLKB[3:2] Enables/Disables CLKB[3:2] output pair
Enable
Output Enable CLKB[1:0] Enables/Disables CLKB[1:0] output pair
Enable
Output Enable CLKA[5:4] Enables/Disables CLKA[5:4] output pair
Enable
Output Enable CLKA[3:2] Enables/Disables CLKA[3:2] output pair
Enable
Output Enable CLKA[1:0] Enables/Disables CLKA[1:0] output pair
Enable
Auto Power-down Enable Enables/Disables the auto power down circuit, which monitors the reference clock rising
edges and shuts down the device in case of a reference “failure.” This failure is triggered
by a drift in reference frequency below a set limit. This auto power down circuit is
disabled internally when one or more of the outputs are configured to be driven directly
from the reference clock.
Enable
PLL Power-down
Shuts down the PLL when the device is configured as a non-PLL fanout buffer.
PLL Enabled
M[7:0]
Assigns an eight-bit value to reference divider –M. The divider can be any integer value
from 1 to 256; however, the PLL input frequency cannot be lower than 10 MHz.
2
N[7:0]
Assigns an eight-bit value to feedback divider –N. The divider can be any integer value
from 1 to 256; however, the PLL input frequency cannot be lower than 10 MHz.
2
X[6:0]
Assigns a seven-bit value to output divider –X. The divider can be any integer value
from 5 to 130. Divide by 1,2,3, and 4 are preprogrammed on the device and can be
activated by the appropriate output mux setting.
1
Divider Source
Selects between the PLL output and the reference clock as the source clock for the
output dividers.
PLL
CLKA54 Source
Independently selects one out of the eight possible output dividers that will connect to
the CLKA5 and CLKA4 pair. Please refer to Table 3 for a list of divider values.
Divide by 2
CLKA32 Source
Independently selects one out of the eight possible output dividers that will connect to
the CLKA3 and CLKA2 pair. Please refer to Table 3 for a list of divider values.
Divide by 2
CLKA10 Source
Independently selects one out of the eight possible output dividers that will connect to
the CLKA1 and CLKA0 pair. Please refer to Table 3 for a list of divider values.
Divide by 2
CLKB54 Source
Independently selects one out of the eight possible output dividers that will connect to
the CLKB5 and CLKB4 pair. Please refer to Table 3 for a list of divider values.
Divide by 2
CLKB32 Source
Independently selects one out of the eight possible output dividers that will connect to
the CLKB3 and CLKB2 pair. Please refer to Table 3 for a list of divider values.
Divide by 2
CLKB10 Source
Independently selects one out of the eight possible output dividers that will connect to
the CLKB1 and CLKB0 pair. Please refer to Table 3 for a list of divider values.
Divide by 2


Similar Part No. - CY23FP12OXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23FP12OXIT CYPRESS-CY23FP12OXIT Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
CY23FP12OXIT CYPRESS-CY23FP12OXIT Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
More results

Similar Description - CY23FP12OXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23FP12-002 CYPRESS-CY23FP12-002 Datasheet
212Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12-002 CYPRESS-CY23FP12-002_11 Datasheet
525Kb / 14P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12_11 Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12_12 Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
CY23020-1 CYPRESS-CY23020-1 Datasheet
121Kb / 10P
   20-output, 200-MHz Zero Delay Buffer
Z9960 CYPRESS-Z9960 Datasheet
253Kb / 7P
   2.5V/3.3V, 200 MHz Multi-Output Zero Delay Buffer
CY2V9950 CYPRESS-CY2V9950 Datasheet
251Kb / 9P
   2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
CY2V995 CYPRESS-CY2V995 Datasheet
281Kb / 10P
   S2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com