Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1381C-117BZC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1381C-117BZC
Description  18-Mb (512K x 36/1M x 18) Flow-Through SRAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1381C-117BZC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1381C-117BZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1381C-117BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1381C-117BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1381C-117BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1381C-117BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1381C-117BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1381C-117BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1381C-117BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1381C-117BZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
CY7C1381C
CY7C1383C
Document #: 38-05238 Rev. *B
Page 2 of 36
C
MODE
BWA
BWB
WE
CE1
CE2
CE3
OE
READ LOGIC
DQs
DQPA
DQPB
MEMORY
ARRAY
E
INPUT
REGISTER
ADDRESS
REGISTER
WRITE REGISTRY
AND DATA COHERENCY
CONTROL LOGIC
BURST
LOGIC
A0'
A1'
D1
D0
Q1
Q0
A0
A1
ADV/LD
CE
ADV/LD
C
CLK
CEN
WRITE
DRIVERS
D
A
T
A
S
T
E
E
R
I
N
G
S
E
N
S
E
A
M
P
S
WRITE ADDRESS
REGISTER
A0, A1, A
O
U
T
P
U
T
B
U
F
F
E
R
S
E
ZZ
SLEEP
CONTROL
7
8
ADDRESS
REGISTER
BURST
COUNTER
AND LOGIC
CLR
Q1
Q0
ENABLE
REGISTER
SENSE
AMPS
OUTPUT
BUFFERS
INPUT
REGISTERS
MEMORY
ARRAY
MODE
A[1:0]
ZZ
DQs
DQPA
DQPB
DQPC
DQPD
A0, A1, A
ADV
CLK
ADSP
ADSC
BWD
BWC
BWB
BWA
BWE
CE1
CE2
CE3
OE
GW
SLEEP
CONTROL
DQA,
DQPA
BYTE
WRITE REGISTER
DQB,
DQPB
BYTE
WRITE REGISTER
DQC,
DQPC
BYTE
WRITE REGISTER
BYTE
WRITE REGISTER
DQD,
DQPD
BYTE
WRITE REGISTER
DQD,
DQPD
BYTE
WRITE REGISTER
DQC,
DQPC
BYTE
WRITE REGISTER
DQB,
DQPB
BYTE
WRITE REGISTER
DQA,
DQPA
BYTE
WRITE REGISTER
Logic Block Diagram – CY7C1381C (512K x 36)
ADDRESS
REGISTER
ADV
CLK
BURST
COUNTER AND
LOGIC
CLR
Q1
Q0
ADSC
CE1
OE
SENSE
AMPS
MEMORY
ARRAY
ADSP
OUTPUT
BUFFERS
INPUT
REGISTERS
MODE
CE2
CE3
GW
BWE
A0,A1,A
BWB
BWA
DQB,DQPB
WRITE REGISTER
DQA,DQPA
WRITE REGISTER
ENABLE
REGISTER
A[1:0]
DQs
DQPA
DQPB
DQB,DQPB
WRITE DRIVER
DQA,DQPA
WRITE DRIVER
SLEEP
CONTROL
ZZ
Logic Block Diagram – CY7C1383C (1M x 18)


Similar Part No. - CY7C1381C-117BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381CV25-100AC CYPRESS-CY7C1381CV25-100AC Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381CV25-100AI CYPRESS-CY7C1381CV25-100AI Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381CV25-100BGC CYPRESS-CY7C1381CV25-100BGC Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381CV25-100BGI CYPRESS-CY7C1381CV25-100BGI Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
More results

Similar Description - CY7C1381C-117BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D_07 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381DV25 CYPRESS-CY7C1381DV25 Datasheet
1Mb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
logo
AMIC Technology
A67L06181 AMICC-A67L06181 Datasheet
244Kb / 18P
   1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
A67P93361 AMICC-A67P93361 Datasheet
243Kb / 18P
   1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
A67L93361 AMICC-A67L93361 Datasheet
199Kb / 18P
   1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
A67L06181 AMICC-A67L06181_15 Datasheet
199Kb / 18P
   1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
logo
Cypress Semiconductor
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com