Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATWINC3400 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATWINC3400
Description  Single Chip IEEE 802.11 b/g/n Network Controller withIntegrated Bluetooth 4.0
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATWINC3400 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATWINC3400 Datasheet HTML 14Page - ATMEL Corporation ATWINC3400 Datasheet HTML 15Page - ATMEL Corporation ATWINC3400 Datasheet HTML 16Page - ATMEL Corporation ATWINC3400 Datasheet HTML 17Page - ATMEL Corporation ATWINC3400 Datasheet HTML 18Page - ATMEL Corporation ATWINC3400 Datasheet HTML 19Page - ATMEL Corporation ATWINC3400 Datasheet HTML 20Page - ATMEL Corporation ATWINC3400 Datasheet HTML 21Page - ATMEL Corporation ATWINC3400 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
ATWINC3400-Datasheet [PRELIMINARY DATASHEET]
Atmel-42396C-SmartConnect-ATWINC3400_Preliminary-Datasheet_07/2015
1
8
18
9
External Interfaces
ATWINC3400 external interfaces include: SPI Slave, SDIO Slave, and UART for 802.11 control and data
transfer, UART for BLE control and data transfer, I2C Slave for control, SPI Master for external Flash, I2C
Master for external EEPROM, and General Purpose Input/Output (GPIO) pins. With the exception of the SPI
Slave and SDIO Slave host interfaces, which are selected using the dedicated SDIO_SPI_CFG pin, the other
interfaces can be assigned to various pins by programming the corresponding pin muxing control register for
each pin to a specific value between 0 and 6.The default values of these registers are 0, which is GPIO mode.
Each digital I/O pin also has a programmable pull-up or pull-down. The summary of the available interfaces
and their corresponding pin mux settings is shown in Table 9-1. For specific programming instructions refer to
ATWINC3400 Programming Guide.
Table 9-1.
Pin-Mux Matrix of External Interfaces
Pin name
Pin #
Pull
Mux0
Mux1
Mux2
Mux3
Mux4
Mux5
Mux6
GPIO_38
9
Down
I_WAKEUP
GPIO_39
10
Up
I_WAKEUP
GPIO_40
11
Down
I_WAKEUP
GPIO_42
12
Down
GPIO_16
14
Up
GPIO_16
O_BT_UAR
T1_TXD
GPIO_15
15
Up
GPIO_15
I_BT_UART
1_RXD
GPIO_14
16
Up
GPIO_14
O_BT_UAR
T1_RTS
IO_I2C_SDA
I_WAKEUP
GPIO_13
17
Up
GPIO_13
I_BT_UART
1_CTS
IO_I2C_SCL
O_WIFI_UA
RT_TXD
I_WAKEUP
GPIO_3
20
Up
GPIO_3
O_SPI_SCK
_FLASH
O_BT_UAR
T2_TXD
GPIO_4
21
Up
GPIO_4
O_SPI_SSN
_FLASH
I_BT_UART
2_RXD
GPIO_5
22
Up
GPIO_5
O_SPI_TXD
_FLASH
O_WIFI_UA
RT_TXD
I_WAKEUP
GPIO_6
23
Up
GPIO_6
I_SPI_RXD_
FLASH
I_WIFI_UAR
T_RXD
I_WAKEUP
RTC_CLK
28
Up
GPIO_1
I_RTC_CLK
I_WIFI_UAR
T_RXD
O_WIFI_UA
RT_TXD
I_BT_UART
1_CTS
SD_CLK/GPI
O_8
29
Up
GPIO_8
I_SD_CLK
I_WIFI_UAR
T_RXD
I_BT_UART
1_CTS
SD_CMD/SP
I_SCK
30
Up
IO_SD_CM
D
IO_SPI_SC
K
SD_DAT0/S
PI_TXD
31
Up
IO_SD_DAT
0
O_SPI_TXD
SD_DAT1/S
PI_SSN
32
Up
IO_SD_DAT
1
IO_SPI_SS
N
SD_DAT2/S
PI_RXD
34
Up
IO_SD_DAT
2
I_SPI_RXD
SD_DAT3/G
PIO_7
35
Up
GPIO_7
IO_SD_DAT
3
O_WIFI_UA
RT_TXD
O_BT_UAR
T1_RTS
GPIO_17
36
Down
GPIO_17
I_WAKEUP
GPIO_18
37
Down
GPIO_18
I_WAKEUP
GPIO_19
38
Down
GPIO_19
I_WAKEUP


Similar Part No. - ATWINC3400

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATWINC3400 MICROCHIP-ATWINC3400 Datasheet
1Mb / 45P
   ATWINC3400A-MU IEEE® 802.11 b/g/n Network Controller with Integrated Bluetooth® SoC
2020
ATWINC3400-MR210CA MICROCHIP-ATWINC3400-MR210CA Datasheet
923Kb / 2P
   Wireless Network Controller
2015
ATWINC3400-MR210CA MICROCHIP-ATWINC3400-MR210CA Datasheet
1Mb / 59P
   IEEE짰 802.11 b/g/n Network Controller with Integrated Bluetooth짰 Low Energy Module
2021
ATWINC3400-MR210CAXXX MICROCHIP-ATWINC3400-MR210CAXXX Datasheet
1Mb / 59P
   IEEE짰 802.11 b/g/n Network Controller with Integrated Bluetooth짰 Low Energy Module
2021
ATWINC3400-MR210UA MICROCHIP-ATWINC3400-MR210UA Datasheet
1Mb / 59P
   IEEE짰 802.11 b/g/n Network Controller with Integrated Bluetooth짰 Low Energy Module
2021
More results

Similar Description - ATWINC3400

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATWILC3000 ATMEL-ATWILC3000 Datasheet
1Mb / 40P
   Single Chip IEEE 802.11 b/g/n Link Controller withIntegrated Bluetooth 4.0
ATWINC1500 ATMEL-ATWINC1500_14 Datasheet
463Kb / 26P
   Single Chip IEEE 802.11 b/g/n Network Controller SOC
ATWINC1500B-MU ATMEL-ATWINC1500B-MU Datasheet
1Mb / 35P
   IEEE 802.11 b/g/n Network Controller SoC
WILC1000 ATMEL-WILC1000_14 Datasheet
438Kb / 28P
   Single Chip IEEE 802.11 b/g/n Link Controller SOC
logo
Microchip Technology
ATWINC3400A-MU MICROCHIP-ATWINC3400A-MU Datasheet
1Mb / 45P
   ATWINC3400A-MU IEEE® 802.11 b/g/n Network Controller with Integrated Bluetooth® SoC
2020
ATWILC3000-MR110CA MICROCHIP-ATWILC3000-MR110CA Datasheet
3Mb / 64P
   IEEE 802.11 b/g/n Link Controller Module with Integrated Bluetooth짰 4.0
2017
logo
ATMEL Corporation
ATWILC1000B-MUT ATMEL-ATWILC1000B-MUT Datasheet
2Mb / 38P
   IEEE 802.11 b/g/n Link Controller SoC
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
logo
Cypress Semiconductor
BCM43364KUBGT CYPRESS-BCM43364KUBGT Datasheet
1Mb / 82P
   Single-Chip IEEE 802.11 b/g/n MAC/Baseband/Radio
logo
Broadcom Corporation.
BCM4334X BOARDCOM-BCM4334X Datasheet
3Mb / 170P
   Single Chip IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0 HS and FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com