Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATWINC3400 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # ATWINC3400
Description  Single Chip IEEE 802.11 b/g/n Network Controller withIntegrated Bluetooth 4.0
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATWINC3400 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ATWINC3400 Datasheet HTML 18Page - ATMEL Corporation ATWINC3400 Datasheet HTML 19Page - ATMEL Corporation ATWINC3400 Datasheet HTML 20Page - ATMEL Corporation ATWINC3400 Datasheet HTML 21Page - ATMEL Corporation ATWINC3400 Datasheet HTML 22Page - ATMEL Corporation ATWINC3400 Datasheet HTML 23Page - ATMEL Corporation ATWINC3400 Datasheet HTML 24Page - ATMEL Corporation ATWINC3400 Datasheet HTML 25Page - ATMEL Corporation ATWINC3400 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
ATWINC3400-Datasheet [PRELIMINARY DATASHEET]
Atmel-42396C-SmartConnect-ATWINC3400_Preliminary-Datasheet_07/2015
2
2
22
Table 9-5.
SPI Slave Modes
Mode
CPOL
CPHA
0
0
0
1
0
1
2
1
0
3
1
1
Figure 9-2.
SPI Slave Clock Polarity and Clock Phase Timing
z
z
z
z
SCK
CPOL = 0
CPOL = 1
SSN
RXD/TXD
(MOSI/MISO)
CPHA = 0
CPHA = 1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
1
8
The SPI Slave timing is provided in Figure 9-3 and Table 9-6.
Figure 9-3.
SPI Slave Timing Diagram
Table 9-6.
SPI Slave Timing Parameters
Parameter
Symbol
Min.
Max.
Unit
Clock Input Frequency
fSCK
48
MHz
Clock Low Pulse Width
tWL
5
ns
Clock High Pulse Width
tWH
5
Clock Rise Time
tLH
5


Similar Part No. - ATWINC3400

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATWINC3400 MICROCHIP-ATWINC3400 Datasheet
1Mb / 45P
   ATWINC3400A-MU IEEE® 802.11 b/g/n Network Controller with Integrated Bluetooth® SoC
2020
ATWINC3400-MR210CA MICROCHIP-ATWINC3400-MR210CA Datasheet
923Kb / 2P
   Wireless Network Controller
2015
ATWINC3400-MR210CA MICROCHIP-ATWINC3400-MR210CA Datasheet
1Mb / 59P
   IEEE짰 802.11 b/g/n Network Controller with Integrated Bluetooth짰 Low Energy Module
2021
ATWINC3400-MR210CAXXX MICROCHIP-ATWINC3400-MR210CAXXX Datasheet
1Mb / 59P
   IEEE짰 802.11 b/g/n Network Controller with Integrated Bluetooth짰 Low Energy Module
2021
ATWINC3400-MR210UA MICROCHIP-ATWINC3400-MR210UA Datasheet
1Mb / 59P
   IEEE짰 802.11 b/g/n Network Controller with Integrated Bluetooth짰 Low Energy Module
2021
More results

Similar Description - ATWINC3400

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATWILC3000 ATMEL-ATWILC3000 Datasheet
1Mb / 40P
   Single Chip IEEE 802.11 b/g/n Link Controller withIntegrated Bluetooth 4.0
ATWINC1500 ATMEL-ATWINC1500_14 Datasheet
463Kb / 26P
   Single Chip IEEE 802.11 b/g/n Network Controller SOC
ATWINC1500B-MU ATMEL-ATWINC1500B-MU Datasheet
1Mb / 35P
   IEEE 802.11 b/g/n Network Controller SoC
WILC1000 ATMEL-WILC1000_14 Datasheet
438Kb / 28P
   Single Chip IEEE 802.11 b/g/n Link Controller SOC
logo
Microchip Technology
ATWINC3400A-MU MICROCHIP-ATWINC3400A-MU Datasheet
1Mb / 45P
   ATWINC3400A-MU IEEE® 802.11 b/g/n Network Controller with Integrated Bluetooth® SoC
2020
ATWILC3000-MR110CA MICROCHIP-ATWILC3000-MR110CA Datasheet
3Mb / 64P
   IEEE 802.11 b/g/n Link Controller Module with Integrated Bluetooth짰 4.0
2017
logo
ATMEL Corporation
ATWILC1000B-MUT ATMEL-ATWILC1000B-MUT Datasheet
2Mb / 38P
   IEEE 802.11 b/g/n Link Controller SoC
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
logo
Cypress Semiconductor
BCM43364KUBGT CYPRESS-BCM43364KUBGT Datasheet
1Mb / 82P
   Single-Chip IEEE 802.11 b/g/n MAC/Baseband/Radio
logo
Broadcom Corporation.
BCM4334X BOARDCOM-BCM4334X Datasheet
3Mb / 170P
   Single Chip IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0 HS and FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com