Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATZB-RF-233-1-C Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATZB-RF-233-1-C
Description  ZIGBIT 2.4GHZ WIRELESS MODULES
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATZB-RF-233-1-C Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATZB-RF-233-1-C Datasheet HTML 10Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 11Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 12Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 13Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 14Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 15Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 16Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 17Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ATZB-RF-233-1-C ZigBit 2.4GHz Wireless Modules [DATASHEET]
42192C
−WIRELESS−08/2015
14
Please note the areas in the Mounting information drawing for copper and component keep out to ensure superior
performance of the ZigBits on your End application. Copper keep out recommended in the drawing applies for all layers
of the carrier board
The dimension A of the carrier board should be equal to or greater than 20mm. Similarly, the dimension B should be
equal to or greater than 25mm
3.6
Soldering Profile
The J-STD-020C-compliant soldering profile is recommended according to Table 3-8.
Table 3-8.
Soldering profile
(1)
Profile feature
Green package
Average ramp-up rate (217°C to peak)
3°C/s max
Preheat temperature 175°C ±25°C
180s max
Temperature maintained above 217°C
60s to 150s
Time within 5°C of actual peak temperature
20s to 40s
Peak temperature range
260°C
Ramp-down rate
6°C/s max
Time within 25°C to peak temperature
8 minutes
Note:
1.
The package is backward compatible with PB/Sn soldering profile.
3.7
Antenna Reference Designs
Multiple factors affect proper antenna match, hence, affecting the antenna pattern. The particular factors are the board
material and thickness, shields, the material used for enclosure, the board neighborhood, and other components
adjacent to antenna. Following guidelines need to be followed when designing the base board for the ZigBit.
General Recommendations:
Metal enclosure should not be used. Using low profile enclosure might also affect antenna tuning.
Placing high profile components next to antenna should be avoided.
Having holes/vias punched around the periphery of the board eliminates parasitic radiation from the board
edges also distorting antenna pattern.
ZigBit module should not be placed next to consumer electronics which might interfere with ZigBit’s RF band
frequency.
The board design should prevent propagation of microwave field inside the board material. Electromagnetic waves of
high frequency may penetrate the board thus making the edges of the board radiate, which may distort the antenna
pattern. To eliminate this effect, metalized and grounded holes/vias must be placed around the board's edges.
4.
Schematics
The following schematic drawings for the ATZB-RF-233-1-C are in the following order:
Top level schematics
AT86RF233 schematics


Similar Part No. - ATZB-RF-233-1-C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATZB-RF-233-1-C ATMEL-ATZB-RF-233-1-C_14 Datasheet
1,008Kb / 22P
   ZIGBIT 2.4GHZ WIRELESS MODULES
More results

Similar Description - ATZB-RF-233-1-C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATZB-X0-256-3-0-C ATMEL-ATZB-X0-256-3-0-C_14 Datasheet
1Mb / 28P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-24-A2 ATMEL-ATZB-24-A2 Datasheet
966Kb / 25P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-24-A2 ATMEL-ATZB-24-A2_14 Datasheet
966Kb / 25P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-RF-233-1-C ATMEL-ATZB-RF-233-1-C_14 Datasheet
1,008Kb / 22P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-24-B0 ATMEL-ATZB-24-B0_14 Datasheet
966Kb / 25P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-A24-UFLB ATMEL-ATZB-A24-UFLB_14 Datasheet
3Mb / 22P
   ZIGBIT 2.4GHZ AMPLIFIED WIRELESS
ATZB-X0-256-4-0-CN ATMEL-ATZB-X0-256-4-0-CN_14 Datasheet
1Mb / 26P
   ZIGBIT 900MHZ WIRELESS MODULES
ATZB-S1-256-3-0-C ATMEL-ATZB-S1-256-3-0-C Datasheet
1Mb / 27P
   ZigBit 2.4GHz Single chip Wireless Module
ATZB-S1-256-3-0-U ATMEL-ATZB-S1-256-3-0-U_14 Datasheet
971Kb / 25P
   ZigBit 2.4GHz Single Chip Wireless Module
ATZB-RF-212B-0-CN ATMEL-ATZB-RF-212B-0-CN_14 Datasheet
794Kb / 23P
   ZIGBIT 900MHZ WIRELESS MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com