Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1381C-100BGI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1381C-100BGI
Description  18-Mb (512K x 36/1M x 18) Flow-Through SRAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1381C-100BGI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1381C-100BGI Datasheet HTML 2Page - Cypress Semiconductor CY7C1381C-100BGI Datasheet HTML 3Page - Cypress Semiconductor CY7C1381C-100BGI Datasheet HTML 4Page - Cypress Semiconductor CY7C1381C-100BGI Datasheet HTML 5Page - Cypress Semiconductor CY7C1381C-100BGI Datasheet HTML 6Page - Cypress Semiconductor CY7C1381C-100BGI Datasheet HTML 7Page - Cypress Semiconductor CY7C1381C-100BGI Datasheet HTML 8Page - Cypress Semiconductor CY7C1381C-100BGI Datasheet HTML 9Page - Cypress Semiconductor CY7C1381C-100BGI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
CY7C1381C
CY7C1383C
Document #: 38-05238 Rev. *B
Page 6 of 36
CY7C1381C–Pin Definitions
Name
TQFP
(3-Chip
Enable)
BGA
(1-Chip
Enable)
fBGA
(3-Chip
Enable)
I/O
Description
A0, A1 , A
37,36,32,33,34,
35,42,43,44,45,
46,47,48,49,50,
81,82,99,100
P4,N4,A2,B2,C2
,R2,A3,B3,C3,T
3,T4,A5,B5,C5,
T5,A6,B6,C6,R6
R6,P6,A2,A10,
B2,B10,N6,P3,
P4,P8,P9,P10,
P11,R3,R4,R8,
R9,R10,R11
Input-
Synchronous
Address Inputs used to select one of the
512K address locations. Sampled at the
rising edge of the CLK if ADSP or ADSC is
active LOW, and CE1, CE2, and CE3[2] are
sampled active. A[1:0] feed the 2-bit counter.
BWA,BWB
BWC,BWD
93,94,95,96
L5,G5,G3,L3
B5,A5,A4,B4
Input-
Synchronous
Byte Write Select Inputs, active LOW.
Qualified with BWE to conduct byte writes to
the SRAM. Sampled on the rising edge of
CLK.
GW
88
H4
B7
Input-
Synchronous
Global Write Enable Input, active LOW.
When asserted LOW on the rising edge of
CLK, a global write is conducted (ALL bytes
are written, regardless of the values on
BW[A:D]and BWE).
CLK
89
K4
B6
Input-
Clock
Clock Input. Used to capture all
synchronous inputs to the device. Also used
to increment the burst counter when ADV is
asserted LOW, during a burst operation.
CE1
98
E4
A3
Input-
Synchronous
Chip Enable 1 Input, active LOW. Sampled
on the rising edge of CLK. Used in
conjunction with CE2 and CE3[2] to
select/deselect the device. ADSP is ignored
if CE1 is HIGH.
CE2
97
-
B3
Input-
Synchronous
Chip Enable 2 Input, active HIGH.
Sampled on the rising edge of CLK. Used in
conjunction with CE1 and CE3[2] to
select/deselect the device.
CE3[2]
92
-
A6
Input-
Synchronous
Chip Enable 3 Input, active LOW. Sampled
on the rising edge of CLK. Used in
conjunction with CE1 and CE2 to
select/deselect the device.
OE
86
F4
B8
Input-
Asynchronous
Output Enable, asynchronous input,
active LOW. Controls the direction of the I/O
pins. When LOW, the I/O pins behave as
outputs. When deasserted HIGH, I/O pins
are tri-stated, and act as input data pins. OE
is masked during the first clock of a read
cycle when emerging from a deselected
state.
ADV
83
G4
A9
Input-
Synchronous
Advance Input signal, sampled on the
rising edge of CLK. When asserted, it
automatically increments the address in a
burst cycle.
ADSP
84
A4
B9
Input-
Synchronous
Address Strobe from Processor, sampled
on the rising edge of CLK, active LOW.
When asserted LOW, addresses presented
to the device are captured in the address
registers. A[1:0] are also loaded into the burst
counter. When ADSP and ADSC are both
asserted, only ADSP is recognized. ASDP is
ignored when CE1 is deasserted HIGH


Similar Part No. - CY7C1381C-100BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381CV25-100AC CYPRESS-CY7C1381CV25-100AC Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381CV25-100AI CYPRESS-CY7C1381CV25-100AI Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381CV25-100BGC CYPRESS-CY7C1381CV25-100BGC Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381CV25-100BGI CYPRESS-CY7C1381CV25-100BGI Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
More results

Similar Description - CY7C1381C-100BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D_07 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381DV25 CYPRESS-CY7C1381DV25 Datasheet
1Mb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
logo
AMIC Technology
A67L06181 AMICC-A67L06181 Datasheet
244Kb / 18P
   1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
A67P93361 AMICC-A67P93361 Datasheet
243Kb / 18P
   1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
A67L93361 AMICC-A67L93361 Datasheet
199Kb / 18P
   1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
A67L06181 AMICC-A67L06181_15 Datasheet
199Kb / 18P
   1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
logo
Cypress Semiconductor
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com