Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C86U-1.8TE13 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT93C86U-1.8TE13
Description  16K-Bit Microwire Serial EEPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C86U-1.8TE13 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT93C86U-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C86U-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C86U-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C86U-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C86U-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C86U-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C86U-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C86U-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C86U-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2004 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice.
Doc. No. 1091, Rev. M
ALO
GEN FR
TM
LEAD FREE
CAT93C86 (Die Rev. C)
16K-Bit Microwire Serial EEPROM
FEATURES
I High speed operation: 3MHz
I Low power CMOS technology
I 1.8 to 6.0 volt operation
I Selectable x8 or x16 memory organization
I Self-timed write cycle with auto-clear
I Hardware and software write protection
I Power-up inadvertant write protection
I 1,000,000 Program/erase cycles
I 100 year data retention
I Commercial, industrial and automotive
temperature ranges
I Sequential read
I Program enable (PE) pin
I “Green” package option available
PIN CONFIGURATION
DIP Package (P, L)
SOIC Package (J,W)
Catalyst’s advanced CMOS EEPROM floating gate
technology. The device is designed to endure 1,000,000
program/erase cycles and has a data retention of 100
years. The device is available in 8-pin DIP, 8-pin SOIC,
8-pin TSSOP and 8-pad TDFN packages.
DESCRIPTION
The CAT93C86 is a 16K-bit Serial EEPROM memory
device which is configured as either registers of 16 bits
(ORG pin at VCC) or 8 bits (ORG pin at GND). Each
register can be written (or read) serially by using the
DI (or DO) pin. The CAT93C86 is manufactured using
SOIC Package (S,V)
SOIC Package (K,X)
FUNCTIONAL SYMBOL
Note: When the ORG pin is connected to VCC, the x16 organiza-
tion is selected. When it is connected to ground, the x8 pin is
selected. If the ORG pin is left unconnected, then an internal pullup
device will select the x16 organization.
CS
SK
PE
ORG
DO
DI
VCC
GND
PIN FUNCTIONS
Pin Name
Function
CS
Chip Select
SK
Clock Input
DI
Serial Data Input
DO
Serial Data Output
VCC
+1.8 to 5.5V Power Supply
GND
Ground
ORG
Memory Organization
PE
Program Enable
CS
SK
DI
DO
VCC
PE
ORG
GND
1
2
3
4
8
7
6
5
CS
SK
DI
DO
VCC
ORG
GND
1
2
3
4
8
7
6
5
VCC
CS
SK
ORG
GND
DO
DI
1
2
3
4
8
7
6
5
CS
SK
DI
DO
VCC
ORG
GND
1
2
3
4
8
7
6
5
PE
PE
PE
1
2
3
4
8
7
6
5
VCC
PE
ORG
GND
CS
SK
DI
DO
TDFN Package (RD4, ZD4)
Top View


Similar Part No. - CAT93C86U-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86U-1.8TE13 CATALYST-CAT93C86U-1.8TE13 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
More results

Similar Description - CAT93C86U-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86_06 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
CAT93C86-C ONSEMI-CAT93C86-C Datasheet
620Kb / 13P
   16K-Bit Microwire Serial EEPROM
Rev. S
logo
Microchip Technology
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93AA86A MICROCHIP-93AA86A Datasheet
494Kb / 28P
   16K Microwire Compatible Serial EEPROM
2005
93AA86A MICROCHIP-93AA86A_12 Datasheet
776Kb / 38P
   16K Microwire Compatible Serial EEPROM
11/29/11
logo
Fairchild Semiconductor
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C86A FAIRCHILD-FM93C86A Datasheet
111Kb / 12P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com