Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCV011512DP Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DCV011512DP
Description  Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DCV011512DP Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button DCV011512DP Datasheet HTML 3Page - Burr-Brown (TI) DCV011512DP Datasheet HTML 4Page - Burr-Brown (TI) DCV011512DP Datasheet HTML 5Page - Burr-Brown (TI) DCV011512DP Datasheet HTML 6Page - Burr-Brown (TI) DCV011512DP Datasheet HTML 7Page - Burr-Brown (TI) DCV011512DP Datasheet HTML 8Page - Burr-Brown (TI) DCV011512DP Datasheet HTML 9Page - Burr-Brown (TI) DCV011512DP Datasheet HTML 10Page - Burr-Brown (TI) DCV011512DP Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
DCV010505DP
ACTIVE
PDIP
NVA
7
25
TBD
CU SNPB
Level-NA-NA-NA
DCV010505DP-U
ACTIVE
SOP
DUA
7
25
TBD
CU SNPB
Level-3-240C-168 HR
DCV010505DP-U/700
ACTIVE
SOP
DUA
7
700
TBD
CU SNPB
Level-3-240C-168 HR
DCV010505P
ACTIVE
PDIP
NVA
7
25
TBD
CU SNPB
Level-NA-NA-NA
DCV010505P-U
ACTIVE
SOP
DUA
7
25
TBD
CU SNPB
Level-3-240C-168 HR
DCV010505P-U/700
ACTIVE
SOP
DUA
7
700
TBD
CU SNPB
Level-3-240C-168 HR
DCV010512DP
ACTIVE
PDIP
NVA
7
25
TBD
CU SNPB
Level-NA-NA-NA
DCV010512DP-U
ACTIVE
SOP
DUA
7
25
TBD
CU SNPB
Level-3-240C-168 HR
DCV010512DP-U/700
ACTIVE
SOP
DUA
7
700
TBD
CU SNPB
Level-3-240C-168 HR
DCV010512P
ACTIVE
PDIP
NVA
7
25
TBD
CU SNPB
Level-NA-NA-NA
DCV010512P-U
ACTIVE
SOP
DUA
7
25
TBD
CU SNPB
Level-3-240C-168 HR
DCV010512P-U/700
ACTIVE
SOP
DUA
7
700
TBD
CU SNPB
Level-3-240C-168 HR
DCV010515DP
ACTIVE
PDIP
NVA
7
25
TBD
CU SNPB
Level-NA-NA-NA
DCV010515DP-U
ACTIVE
SOP
DUA
7
25
TBD
CU SNPB
Level-3-240C-168 HR
DCV010515DP-U/700
ACTIVE
SOP
DUA
7
700
TBD
CU SNPB
Level-3-240C-168 HR
DCV010515P
ACTIVE
PDIP
NVA
7
25
TBD
CU SNPB
Level-NA-NA-NA
DCV010515P-U
ACTIVE
SOP
DUA
7
25
TBD
CU SNPB
Level-3-240C-168 HR
DCV010515P-U/700
ACTIVE
SOP
DUA
7
700
TBD
CU SNPB
Level-3-240C-168 HR
DCV011512DP
ACTIVE
PDIP
NVA
7
25
TBD
CU NIPDAU
Level-NA-NA-NA
DCV011512DP-U
ACTIVE
SOP
DUA
7
25
TBD
CU NIPDAU
Level-3-240C-168 HR
DCV011512DP-U/700
ACTIVE
SOP
DUA
7
700
TBD
CU NIPDAU
Level-3-240C-168 HR
DCV011515DP
ACTIVE
PDIP
NVA
7
25
TBD
CU SNPB
Level-NA-NA-NA
DCV011515DP-U
ACTIVE
SOP
DUA
7
25
TBD
CU SNPB
Level-3-240C-168 HR
DCV011515DP-U/700
ACTIVE
SOP
DUA
7
700
TBD
CU SNPB
Level-3-240C-168 HR
DCV012405P
ACTIVE
PDIP
NVA
7
25
TBD
CU SNPB
Level-NA-NA-NA
DCV012405P-U
ACTIVE
SOP
DUA
7
25
TBD
CU SNPB
Level-3-240C-168 HR
DCV012405P-U/700
ACTIVE
SOP
DUA
7
700
TBD
CU SNPB
Level-3-240C-168 HR
DCV012415DP
ACTIVE
PDIP
NVA
7
25
TBD
CU SNPB
Level-NA-NA-NA
DCV012415DP-U
ACTIVE
SOP
DUA
7
25
TBD
CU SNPB
Level-3-235C-168 HR
DCV012415DP-U/700
ACTIVE
SOP
DUA
7
700
TBD
CU SNPB
Level-3-235C-168 HR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
PACKAGE OPTION ADDENDUM
www.ti.com
25-Aug-2005
Addendum-Page 1


Similar Part No. - DCV011512DP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCV011512DP BURR-BROWN-DCV011512DP Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV011512DP-U BURR-BROWN-DCV011512DP-U Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
More results

Similar Description - DCV011512DP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCV01 BURR-BROWN-DCV01 Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCH01 TI-DCH01 Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP0124 BURR-BROWN-DCP0124 Datasheet
169Kb / 9P
   Miniature 24V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0115 BURR-BROWN-DCP0115 Datasheet
173Kb / 10P
   Miniature 15V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0105 BURR-BROWN-DCP0105 Datasheet
199Kb / 17P
   Miniature 5V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com