Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC-4798SW Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTC-4798SW
Description  LED Display
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTC-4798SW Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTC-4798SW Datasheet HTML 1Page - Lite-On Technology Corporation LTC-4798SW Datasheet HTML 2Page - Lite-On Technology Corporation LTC-4798SW Datasheet HTML 3Page - Lite-On Technology Corporation LTC-4798SW Datasheet HTML 4Page - Lite-On Technology Corporation LTC-4798SW Datasheet HTML 5Page - Lite-On Technology Corporation LTC-4798SW Datasheet HTML 6Page - Lite-On Technology Corporation LTC-4798SW Datasheet HTML 7Page - Lite-On Technology Corporation LTC-4798SW Datasheet HTML 8Page - Lite-On Technology Corporation LTC-4798SW Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
PART NO.: LTC-4798SW
PAGE:
3 of
9
BNS-OD-C131/A4
PACKAGE DIMENSIONS
NOTES: 1. All dimensions are in millimeters. Tolerances are
 0.25 mm (0.01“) unless otherwise noted.
2. Pin tip’s shift tolerance is
 0.4 mm.
3. Foreign material on segment ≦10mils
4. Ink contamination (surface) ≦20mils
5. Bending≦1% of reflector length
6. Bubble in segment ≦10mils
7. Recommend the best pcb hole : diameter 1mm


Similar Part No. - LTC-4798SW

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTC-4724JF LITEON-LTC-4724JF Datasheet
140Kb / 5P
   0.4 inch (10.0mm) DIGIT HEIGHT
LTC-4724JR LITEON-LTC-4724JR Datasheet
140Kb / 5P
   The LTC-4724JR is a 0.4 inch 10.0mm digit height triple digit seven-segment display
LTC-4724JR1 LITEON-LTC-4724JR1 Datasheet
140Kb / 5P
   The LTC-4724JR is a 0.4 inch 10.0mm digit height triple digit seven-segment display
LTC-4724JR2 LITEON-LTC-4724JR2 Datasheet
140Kb / 5P
   The LTC-4724JR is a 0.4 inch 10.0mm digit height triple digit seven-segment display
LTC-4724JR3 LITEON-LTC-4724JR3 Datasheet
140Kb / 5P
   The LTC-4724JR is a 0.4 inch 10.0mm digit height triple digit seven-segment display
More results

Similar Description - LTC-4798SW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLG346S TOSHIBA-TLG346S Datasheet
259Kb / 6P
   LED DISPLAY
logo
SHENZHEN YONGERJIA INDU...
WEJS0402RG2-1 WINNERJOIN-WEJS0402RG2-1 Datasheet
249Kb / 1P
   LED display
WEJS43 WINNERJOIN-WEJS43 Datasheet
246Kb / 1P
   LED display
logo
Lite-On Technology Corp...
LTP-3363CKR-P LITEON-LTP-3363CKR-P Datasheet
216Kb / 10P
   LED DISPLAY
LTS-4817CTB-P LITEON-LTS-4817CTB-P Datasheet
525Kb / 12P
   LED Display
LTS-5325CTB-P LITEON-LTS-5325CTB-P Datasheet
522Kb / 11P
   LED Display
LTC-4724JS LITEON-LTC-4724JS Datasheet
363Kb / 6P
   LED Display
LTC-4727JR LITEON-LTC-4727JR Datasheet
375Kb / 6P
   LED Display
LTD-5633C LITEON-LTD-5633C Datasheet
494Kb / 7P
   LED Display
LTD-6950HR LITEON-LTD-6950HR Datasheet
357Kb / 6P
   LED Display
LTG-1163M LITEON-LTG-1163M Datasheet
465Kb / 10P
   LED Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com