Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3702XDBP-28 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3702XDBP-28
Description  Microprocessor Supervisory Circuits with Low Line Output and Manual Reset
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3702XDBP-28 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3702XDBP-28 Datasheet HTML 1Page - National Semiconductor (TI) LM3702XDBP-28 Datasheet HTML 2Page - National Semiconductor (TI) LM3702XDBP-28 Datasheet HTML 3Page - National Semiconductor (TI) LM3702XDBP-28 Datasheet HTML 4Page - National Semiconductor (TI) LM3702XDBP-28 Datasheet HTML 5Page - National Semiconductor (TI) LM3702XDBP-28 Datasheet HTML 6Page - National Semiconductor (TI) LM3702XDBP-28 Datasheet HTML 7Page - National Semiconductor (TI) LM3702XDBP-28 Datasheet HTML 8Page - National Semiconductor (TI) LM3702XDBP-28 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Ordering Information
20011504
*For other voltages between 2.2V and 5.0V, please contact National Semiconductor sales office.
LM3702/LM3703
Part Number
Output
Reset
Timeout
Period
Package
Marking
LM3702XCBP-308
totem-pole
200ms
%%I2
LM3702XCBPX-308
totem-pole
200ms
%%I2
LM3703XCBP-308
totem-pole
200ms
%%I3
LM3703XCBPX-308
totem-pole
200ms
%%I3
LM3703XDBP-308
totem-pole
1600ms
%%124
LM3703XDBPX-308
totem-pole
1600ms
%%124
LM3702YABP-308
open-drain
1.4ms
%%131
LM3702ABPX-308
open-drain
1.4ms
%%131
LM3702YDBP-220
open-drain
1600ms
%%125
LM3702YDBPX-220
open-drain
1600ms
%%125
%% is the datecode and will vary with time.
Table Of Functions
Part
Number
Active
Low
Reset
Active
High
Reset
Output
(X = totem-pole)
(Y = open-drain)
Reset
Timeout
Period
Manual
Reset
Low
Line
Output
LM3702
x
X, Y*
Customized
x
x
LM3703
x
X
Customized
x
x
* = available upon request. Contact National
www.national.com
4


Similar Part No. - LM3702XDBP-28

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3700 NSC-LM3700 Datasheet
195Kb / 12P
   Microprocessor Supervisory Circuit with Low Line Output
logo
Texas Instruments
LM3700 TI-LM3700 Datasheet
246Kb / 12P
[Old version datasheet]   LM3700/LM3701 Microprocessor Supervisory Circuit with Low Line Output
LM3700XCBP-290 TI-LM3700XCBP-290 Datasheet
246Kb / 12P
[Old version datasheet]   LM3700/LM3701 Microprocessor Supervisory Circuit with Low Line Output
logo
National Semiconductor ...
LM3700XCBP-308 NSC-LM3700XCBP-308 Datasheet
195Kb / 12P
   Microprocessor Supervisory Circuit with Low Line Output
LM3700XCBPX-308 NSC-LM3700XCBPX-308 Datasheet
195Kb / 12P
   Microprocessor Supervisory Circuit with Low Line Output
More results

Similar Description - LM3702XDBP-28

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3709 NSC-LM3709 Datasheet
232Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output, Manual Reset and Watchdog Timer
LM3704 NSC-LM3704 Datasheet
315Kb / 17P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
National Semiconductor ...
LM3710 NSC-LM3710 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_15 Datasheet
360Kb / 2P
   Microprocessor Supervisory with Manual Reset Input
logo
ams AG
AS1910 AMSCO-AS1910_1 Datasheet
384Kb / 15P
   Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Texas Instruments
LM3710 TI1-LM3710 Datasheet
1Mb / 19P
[Old version datasheet]   LM3710/LM3711 Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_17 Datasheet
1Mb / 12P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811 Datasheet
480Kb / 9P
   Microprocessor Supervisory with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com