Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCV010505 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DCV010505
Description  Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DCV010505 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  DCV010505 Datasheet HTML 1Page - Burr-Brown (TI) DCV010505 Datasheet HTML 2Page - Burr-Brown (TI) DCV010505 Datasheet HTML 3Page - Burr-Brown (TI) DCV010505 Datasheet HTML 4Page - Burr-Brown (TI) DCV010505 Datasheet HTML 5Page - Burr-Brown (TI) DCV010505 Datasheet HTML 6Page - Burr-Brown (TI) DCV010505 Datasheet HTML 7Page - Burr-Brown (TI) DCV010505 Datasheet HTML 8Page - Burr-Brown (TI) DCV010505 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
DCV01
®
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
INPUT
OUTPUT
LOAD
NO LOAD
BARRIER
LEAKAGE
VOLTAGE (V)
VOLTAGE (V)
REGULATION (%)
CURRENT (mA)
EFFICIENCY (%)
CAPACITANCE (pF)
CURRENT (
µA)
VS
VNOM
IQ
CISO
75% LOAD(2)
10% TO 100% LOAD(3)
0% LOAD
100% LOAD
VISO = 750Vrms
VISO = 750Vrms
PRODUCT
MIN
TYP
MAX
MIN
TYP
MAX
TYP
MAX
TYP
TYP
TYP
TYP
DCV010505
4.5
5
5.5
4.75
5
5.25
23
31
20
78
3.6
0.9
DCV010505D(4)
4.5
5
5.5
±4.75
±5
±5.25
19
32
23
80
3.8
0.9
DCV010512
4.5
5
5.5
11.4
12
12.6
23
38
30
85
5.1
1.2
DCV010512D
4.5
5
5.5
±11.4
±12
±12.6
19
37
40
82
4.0
1.0
DCV010515
4.5
5
5.5
14.25
15
15.75
30
42
34
84
3.8
0.9
DCV010515D
4.5
5
5.5
±14.25
±15
±15.75
27
41
42
85
4.7
1.1
DCV011512D(4)
13.5
15
16.5
±11.4
±12
±12.6
11
39
19
78
4.2
1.0
DCV011515D(4)
13.5
15
16.5
±14.25
±15
±15.75
12
39
20
79
4.2
1.0
DCV012405(4)
21.6
24
26.4
4.75
5
5.25
13
23
14
77
3.8
0.9
DCV012415D(4)
21.6
24
26.4
±14.25
±15
±15.75
12
35
17
76
5.3
1.3
NOTES: (1) During UL1950 recognition tests only, UL File #E199929. (2) 100% Load Current = 1W/VNOM TYP. (3) Load regulation = (VOUT at 10% – VOUT at 100%)/ VOUT at 75%. (4) Scheduled availability
Q4 2000.
SPECIFICATIONS
At TA = +25°C, unless otherwise specified.
DCV01 SERIES
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
Power
100% Full Load
0.97
W
Ripple
O/P Capacitor = 1
µF, 50% Load
20
mVp-p
Voltage vs Temp
Room to Cold
0.046
%/
°C
Room to Hot
0.016
%/
°C
INPUT
Voltage Range on VS
–10
10
%
ISOLATION
Voltage
1s Flash Test
1.5
kVrms
60s Test, UL1950(1)
1.5
kVrms
LINE
Regulation
1
%/1% of VS
SWITCHING/SYNCHRONIZATION
Oscillator Frequency (fOSC)
Switching Frequency = fOSC/2
800
kHz
Sync Input Low
0
0.4
V
Sync Input Current
VSYNC = +2V
75
µA
Disable Time
2
µs
Capacitance Loading on SYNCIN Pin
External
3
pF
RELIABILITY
Demonstrated
TA = +55°C
75
FITS
THERMAL SHUTDOWN
IC Temperature at Shutdown
150
°C
Shutdown Current
3mA
TEMPERATURE RANGE
Operating
–40
+85
°C


Similar Part No. - DCV010505

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCV010505 TI1-DCV010505 Datasheet
408Kb / 19P
[Old version datasheet]   Miniature, 1-W, 1500-Vrms Isolated Unregulated DC-DC Converters
DCV010505D TI1-DCV010505D Datasheet
408Kb / 19P
[Old version datasheet]   Miniature, 1-W, 1500-Vrms Isolated Unregulated DC-DC Converters
logo
Burr-Brown (TI)
DCV010505DP BURR-BROWN-DCV010505DP Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010505DP-U BURR-BROWN-DCV010505DP-U Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010505P BURR-BROWN-DCV010505P Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
More results

Similar Description - DCV010505

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCV01 BURR-BROWN-DCV01 Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCH01 TI-DCH01 Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP0124 BURR-BROWN-DCP0124 Datasheet
169Kb / 9P
   Miniature 24V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0115 BURR-BROWN-DCP0115 Datasheet
173Kb / 10P
   Miniature 15V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0105 BURR-BROWN-DCP0105 Datasheet
199Kb / 17P
   Miniature 5V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com