Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C86RD4A-1.8TE13 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT93C86RD4A-1.8TE13
Description  16K-Bit Microwire Serial EEPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C86RD4A-1.8TE13 Datasheet(HTML) 8 Page - Catalyst Semiconductor

  CAT93C86RD4A-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C86RD4A-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C86RD4A-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C86RD4A-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C86RD4A-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C86RD4A-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C86RD4A-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C86RD4A-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C86RD4A-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
CAT93C86
Doc. No. 1091, Rev. M
ORDERING INFORMATION
Notes:
(1) The device used in the above example is a 93C86SI-1.8TE13 (SOIC, Industrial Temperature, 1.8 Volt to 6 Volt Operating Voltage,
Tape & Reel)
(2) Product die revision letter is marked on top of the package as a suffix to the production date code (e.g., AYWWC.) For additional
information, please contact your Catalyst sales office.
Package
P = PDIP
S = SOIC (JEDEC)
J = SOIC (JEDEC)
K = SOIC (EIAJ)
U = TSSOP
RD4 = TDFN (3x3mm)
ZD4 = TDFN (3x3mm, Lead free, Halogen free)
L = PDIP (Lead free, Halogen free)
V = SOIC, JEDEC (Lead free, Halogen free)
W= SOIC, JEDEC (Lead free, Halogen free)
X = SOIC, EIAJ (Lead free, Halogen free)
Y = TSSOP (Lead free, Halogen free)
Prefix
Device #
Suffix
93C86
S
I
TE13
Product
Number
Tape & Reel
-1.8
CAT
Temperature Range
Blank = Commercial (0
°C - 70°C)
I = Industrial (-40
°C - 85°C)
A = Automotive (-40
°C - 105°C)
Operating Voltage
Blank (Vcc=2.5 to 6.0V)
1.8 (Vcc=1.8 to 6.0V)
Optional
Company ID
E = Extended (-40
°C to + 125°C)
Die Revision
Rev C
(2)


Similar Part No. - CAT93C86RD4A-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT93C86 CATALYST-CAT93C86 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
CAT93C86 ONSEMI-CAT93C86 Datasheet
49Kb / 1P
   High Speed Operation: 4 MHz (5 V), 2 MHz (1.8 V) Sequential Read
6/13/2013
CAT93C86 ONSEMI-CAT93C86 Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
More results

Similar Description - CAT93C86RD4A-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86_06 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
CAT93C86-C ONSEMI-CAT93C86-C Datasheet
620Kb / 13P
   16K-Bit Microwire Serial EEPROM
Rev. S
logo
Microchip Technology
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93AA86A MICROCHIP-93AA86A Datasheet
494Kb / 28P
   16K Microwire Compatible Serial EEPROM
2005
93AA86A MICROCHIP-93AA86A_12 Datasheet
776Kb / 38P
   16K Microwire Compatible Serial EEPROM
11/29/11
logo
Fairchild Semiconductor
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C86A FAIRCHILD-FM93C86A Datasheet
111Kb / 12P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com