Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA2267MUX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSA2267MUX
Description  0.35 ohm Low Voltage Dual-SPDT Analog Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA2267MUX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSA2267MUX Datasheet HTML 1Page - Fairchild Semiconductor FSA2267MUX Datasheet HTML 2Page - Fairchild Semiconductor FSA2267MUX Datasheet HTML 3Page - Fairchild Semiconductor FSA2267MUX Datasheet HTML 4Page - Fairchild Semiconductor FSA2267MUX Datasheet HTML 5Page - Fairchild Semiconductor FSA2267MUX Datasheet HTML 6Page - Fairchild Semiconductor FSA2267MUX Datasheet HTML 7Page - Fairchild Semiconductor FSA2267MUX Datasheet HTML 8Page - Fairchild Semiconductor FSA2267MUX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2267 / FSA2267ARev. 1.0.2
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only..
Notes:
1. The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are observed.
2. Minimums define the acceptable range of current. Negative current should not exceed minimun negative values.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Notes:
3. Unused inputs must be held HIGH or LOW. They may not float.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
+5.5
V
VS
Switch Voltage(1)
-0.5
VCC + 0.5
V
VIN
Input Voltage(1)
-0.5
VCC
V
Input Diode Current(2)
-50
mA
Switch Current
350
mA
Peak Switch Current
(Pulsed at 1ms duration, <10% Duty Cycle)
500
mA
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Maximum Junction Temperature
+150
°C
TL
Lead Temperature (Soldering, 10 seconds)
+260
°C
ESD
Human Body Model: FSA2267
7500
V
Human Body Model: FSA2267A
7000
V
Charge Device Model: FSA2267/FSA2267A
1000
V
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
V
FSA2267
1.65
3.6
V
FSA2267A
2.3
4.3
VIN
Control Input Voltage(3)
0VCC
V
VSW
Switch Input Voltage
0
VCC
V
TA
Operating Temperature
-40
+85
°C


Similar Part No. - FSA2267MUX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2267MUX FAIRCHILD-FSA2267MUX Datasheet
1Mb / 16P
   0.35廓 Low-Voltage Dual-SPDT Analog Switch
More results

Similar Description - FSA2267MUX

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6236 AOSMD-AOZ6236 Datasheet
503Kb / 11P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
AOZ6237 AOSMD-AOZ6237 Datasheet
608Kb / 12P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
AOZ6238 AOSMD-AOZ6238 Datasheet
528Kb / 12P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
logo
Vishay Siliconix
DG2535 VISHAY-DG2535 Datasheet
72Kb / 5P
   0.35 OHM Low-Voltage Dual SPDT Analog Switch
Rev. B, 01-Nov-04
logo
Protek Devices
PA2535 PROTEC-PA2535_15 Datasheet
138Kb / 9P
   0.35 OHM DUAL SPDT ANALOG SWITCH
logo
Fairchild Semiconductor
FSA2267 FAIRCHILD-FSA2267_12 Datasheet
668Kb / 14P
   0.35??Low-Voltage Dual-SPDT Analog Switch
logo
Vishay Siliconix
DG2535 VISHAY-DG2535_08 Datasheet
108Kb / 7P
   0.35-Ω Low-Voltage Dual SPDT Analog Switch
Rev. E, 14-May-07
logo
Fairchild Semiconductor
FSA2267_0703 FAIRCHILD-FSA2267_0703 Datasheet
1Mb / 16P
   0.35廓 Low-Voltage Dual-SPDT Analog Switch
logo
ON Semiconductor
NLAS5223B ONSEMI-NLAS5223B_11 Datasheet
165Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
October, 2011 ??Rev. 8
NLAS5223B ONSEMI-NLAS5223B_15 Datasheet
117Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
August, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com