Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA2267MUX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSA2267MUX
Description  0.35 ohm Low Voltage Dual-SPDT Analog Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA2267MUX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSA2267MUX Datasheet HTML 1Page - Fairchild Semiconductor FSA2267MUX Datasheet HTML 2Page - Fairchild Semiconductor FSA2267MUX Datasheet HTML 3Page - Fairchild Semiconductor FSA2267MUX Datasheet HTML 4Page - Fairchild Semiconductor FSA2267MUX Datasheet HTML 5Page - Fairchild Semiconductor FSA2267MUX Datasheet HTML 6Page - Fairchild Semiconductor FSA2267MUX Datasheet HTML 7Page - Fairchild Semiconductor FSA2267MUX Datasheet HTML 8Page - Fairchild Semiconductor FSA2267MUX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2267 / FSA2267A Rev. 1.0.2
5
FSA2267 DC Electrical Characteristics
All typical values are at 25°C unless otherwise specified.
4. On Resistance is determined by the voltage drop between A and B pins at the indicated current through the switch.
5.
ΔRON = RONmax - RONmin measured at identical VCC, temperature, and voltage.
6. Flatness is defined as the difference between the maximum and minimum value of RON over the specified range of conditions.
Symbol
Parameter
Conditions
VCC
TA = +25°C
TA= −40 to
+85
°C
Units
(V)
Min. Typ. Max. Min. Max.
VIH
Input Voltage High
2.7 to 3.6
2.0
V
2.3 to 2.7
1.7
1.65 to 1.95
0.65
VCC
VIL
Input Voltage Low
2.7 to 3.6
0.8
V
2.3 to 2.7
0.7
1.65 to 1.95
0.35
VCC
IIN
Control Input Leakage
VIN = 0V to VCC
1.65 to 3.6
-0.5
0.5
μA
INO(OFF),
INC(OFF)
OFF-Leakage Current of
Port nB0 and nB1
nA = 0.3V, 3.3V, nB0 or nB1
= 0.3V, 3.3V or floating
3.6
-5.0
5.0
-50
50
nA
nA = 0.3V, 2.4V, nB0 or nB1
= 0.3V, 2.4V or floating
2.7
-5.0
5.0
-50
50
nA = 0.3V, 1.65V, nB0 or nB1
= 0.3V, 1.65V or floating
1.95
-5.0
5.0
-50
50
IA(ON)
ON Leakage Current of
Port 1A and 2A
nA = 0.3V, 3.3V, nB0 or nB1
= 0.3V, 3.3V or floating
3.6
-5.0
5.0
-50
50
nA
nA = 0.3V, 2.4V, nB0 or nB1
= 0.3V, 2.4V or floating
2.7
-5.0
5.0
-50
50
nA = 0.3V, 1.65V, nB0 or nB1
= 0.3V, 1.65V or floating
1.95
-5.0
5.0
-50
50
RON
Switch On Resistance(4)
See Figure 5
IOUT = 100mA, nB0 or nB1
= 0V, 0.7V, 2.0V, 2.7V
2.7
0.35
0.60
Ω
IOUT = 100mA, nB0 or nB1
= 0V, 0.7V, 1.6V, 2.3V
2.3
0.45
0.75
IOUT = 100mA, nB0 or nB1
= 0.8V
1.65
1.0
3.9
ΔRON
On Resistance Matching
Between Channels(5)
IOUT = 100mA, nB0 or nB1
= 0.7V
2.7
0.040
0.075
Ω
2.3
0.040
0.080
1.65
0.1
RFLAT(ON) On Resistance Flatness(6)
IOUT = 100mA, nB0 or nB1
= 0V to VCC
2.7
0.25
Ω
2.3
0.3
1.65
0.3
ICC
Quiescent Supply Current
VIN = 0V or VCC, IOUT = 0A
3.6
-100
100
-500
500
nA


Similar Part No. - FSA2267MUX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2267MUX FAIRCHILD-FSA2267MUX Datasheet
1Mb / 16P
   0.35廓 Low-Voltage Dual-SPDT Analog Switch
More results

Similar Description - FSA2267MUX

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6236 AOSMD-AOZ6236 Datasheet
503Kb / 11P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
AOZ6237 AOSMD-AOZ6237 Datasheet
608Kb / 12P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
AOZ6238 AOSMD-AOZ6238 Datasheet
528Kb / 12P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
logo
Vishay Siliconix
DG2535 VISHAY-DG2535 Datasheet
72Kb / 5P
   0.35 OHM Low-Voltage Dual SPDT Analog Switch
Rev. B, 01-Nov-04
logo
Protek Devices
PA2535 PROTEC-PA2535_15 Datasheet
138Kb / 9P
   0.35 OHM DUAL SPDT ANALOG SWITCH
logo
Fairchild Semiconductor
FSA2267 FAIRCHILD-FSA2267_12 Datasheet
668Kb / 14P
   0.35??Low-Voltage Dual-SPDT Analog Switch
logo
Vishay Siliconix
DG2535 VISHAY-DG2535_08 Datasheet
108Kb / 7P
   0.35-Ω Low-Voltage Dual SPDT Analog Switch
Rev. E, 14-May-07
logo
Fairchild Semiconductor
FSA2267_0703 FAIRCHILD-FSA2267_0703 Datasheet
1Mb / 16P
   0.35廓 Low-Voltage Dual-SPDT Analog Switch
logo
ON Semiconductor
NLAS5223B ONSEMI-NLAS5223B_11 Datasheet
165Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
October, 2011 ??Rev. 8
NLAS5223B ONSEMI-NLAS5223B_15 Datasheet
117Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
August, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com