Electronic Components Datasheet Search |
|
LM3702XABP-30 Datasheet(PDF) 5 Page - National Semiconductor (TI) |
|
|
LM3702XABP-30 Datasheet(HTML) 5 Page - National Semiconductor (TI) |
5 / 13 page Absolute Maximum Ratings (Note 1) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Supply Voltage (V CC) −0.3V to 6.0V All Other Inputs −0.3V to V CC + 0.3V ESD Ratings (Note 2) Human Body Model Machine Model 1.5kV 150V Power Dissipation (Note 3) Operating Ratings (Note 1) Temperature Range −40˚C ≤ T J ≤ 85˚C LM3702/LM3703 Series Electrical Characteristics Limits in the standard typeface are for T J = 25˚C and limits in boldface type apply over full operating range. Unless otherwise specified: V CC = +2.2V to 5.5V. Symbol Parameter Conditions Min Typ Max Units POWER SUPPLY V CC Operating Voltage Range: V CC LM3702 1.0 5.5 V LM3703 1.2 5.5 I CC V CC Supply Current All inputs = V CC; all outputs floating 28 50 µA RESET THRESHOLD V RST Reset Threshold V CC falling −0.5 −2 V RST +0.5 +2 % V CC falling: TA = 0˚C to 70˚C −1.5 +1.5 V RSTH Reset Threshold Hysteresis 0.0032 •V RST mV t RP Reset Timeout Period Reset Timeout Period = A Reset Timeout Period = B Reset Timeout Period = C Reset Timeout Period = D 1 20 140 1120 1.4 28 200 1600 2 40 280 2240 ms t RD V CC to Reset Delay V CC falling at 1mV/µs 20 µs RESET (LM3703) V OL RESET V CC > 2.25V, ISINK = 900µA 0.3 V V CC > 2.7V, ISINK = 1.2mA 0.3 V CC > 4.5V, ISINK = 3.2mA 0.4 V OH RESET V CC > 1.2V, ISOURCE = 50µA 0.8 V CC V V CC > 1.8V, ISOURCE = 150µA 0.8 V CC V CC > 2.25V, ISOURCE = 300µA 0.8 V CC V CC > 2.7V, ISOURCE = 500µA 0.8 V CC V CC > 4.5V, ISOURCE = 800µA V CC − 1.5V I LKG Output Leakage Current V RESET = 5.5V 1.0 µA RESET (LM3702) V OL RESET V CC > 1.0V, ISINK = 50µA 0.3 V V CC > 1.2V, ISINK = 100µA 0.3 V CC > 2.25V, ISINK = 900µA 0.3 V CC > 2.7V, ISINK = 1.2mA 0.3 V CC > 4.5V, ISINK = 3.2mA 0.4 V OH RESET V CC > 2.25V, ISOURCE = 300µA 0.8 V CC V CC > 2.7V, ISOURCE = 500µA 0.8 V CC V CC > 4.5V, ISOURCE = 800µA V CC − 1.5V www.national.com 5 |
Similar Part No. - LM3702XABP-30 |
|
Similar Description - LM3702XABP-30 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |