Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6010 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GM6010
Description  DIGITAL TV CONTROLLER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GM6010 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GM6010 Datasheet HTML 1Page - List of Unclassifed Manufacturers GM6010 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Brief
gm6010
gm6015
Genesis Microchip Inc.
2150 Gold Street, Alviso, P.O. Box 2150, CA USA 95002 Tel: (408) 262-6599 Fax: (408) 262-6365
DESCRIPTION
The Genesis Microchip gm6010 and gm6015 digital
television controller ICs are low-cost, full-featured
image processors for progressive TV, digital TV and
high-definition TV applications.
The gm6010 and
gm6015 ICs provide superior image quality by
integrating Genesis Crystal Cinema Plus
TM video
scan conversion with dual digital video inputs (MAIN,
PIP), SDRAM controller, color controls, look up table,
mixer, multi-image PIP and analog (gm6010) or
digital (gm6015) video outputs.
FEATURES
• Genesis industry leading Crystal Cinema Plus™
video scan conversion with:
i. Motion adaptive de-interlacing/interlacing
ii. 2:2/3:2 film processing
iii. Directional Interpolation
iv. Arbitrary shrink/zoom scaling
v. Aspect ratio conversion
vi. Frame rate conversion
vii. Spatial, temporal and 3D noise reduction
• Dual-channel MAIN/PIP inputs:
i. Up to four 8/16/24-bit 4:2:2/4:4:4 YCbCr/RGB
digital video inputs
ii. 480/576i, 480/576p, 720p and 1080i
iii. VGA, SVGA, XGA, WXGA PC graphics
iv. Separate, composite or sync on Y/G
• Display output:
i. 8/16/18/20/24/30-bit 4:2:2/4:4:4 YCbCr/RGB
digital or analog outputs
ii. Triple 256x10 bit output look up table (LUT)
iii. Triple 10-bit D/A converters (gm6010)
iv. 480/576i, 480/576p, 720p and 1080i HD
v. VGA, SVGA, XGA, WXGA PC graphics
vi. Separate, composite or sync on Y/G
vii. CGMS/A support
FEATURES cont’d
• Frame Rate Conversion:
i.
Arbitrary frame rate conversion
ii.
50/60 Hz → 100/120 Hz field doubling
iii.
50 Hz ↔60 Hz scan conversion
• Comprehensive PIP Processing:
i.
PIP/POP with arbitrary size and position
ii.
Twin Picture/Double Wide support
iii.
Multi-PIP processing (up to 16 windows)
iv.
Alpha mixing/overlay between MAIN, PIP and
external OSD
• Other Features:
i.
Integrated SDRAM controller
ii.
Single external 2Mx32-bit 100 MHz SDRAM
iii.
Color controls
iv.
Serial host interface
v.
Integrated clock generator and PLLs
PACKAGE
Low-cost 208-pin PQFP
APPLICATIONS
• CRT, LCD, PDP and LCOS based televisions
• Progressive TV/DTV/HDTV/PTV
NOTES
1. Genesis Display Perfection is a trademark of Genesis Microchip.
2. Crystal Cinema Plus is a trademark of Genesis Microchip.
Digital TV Controller
C6010-PBR-01H
May 2002
165 Commerce Valley Dr. West, Thornhill, ON Canada L3T 7V8 Tel: (905) 889-5400 Fax: (905) 889-5422
1096, 12thA Main, Hal II Stage, Indira Nagar, Bangalore-560 008, India, Tel: (91)-80-526-3878, Fax: (91)-80-529-6245
4F, No. 24, Ln 123, Sec 6, Min-Chuan E. Rd., Taipei, Taiwan, ROC Tel: 886-2-2791-0118 Fax: 886-2-2791-0196
143-37 Hyundai Tower, #902, Samsung-dong, Kangnam-gu, Seoul, Korea 135-090 Tel 82-2-553-5693 Fax 82-2-552-4942
Rm2614-2618 Shenzhen Office Tower, 6007 Shennan Blvd, 518040, Shenzhen, Guandong, P.R.C., Tel (0755)386-0101, Fax (0755)386-7874
2-9-5 Higashigotanda, Shinagawa-ku, Tokyo, 141-0022, Japan, Tel 81-3-5798-2758, Fax 81-3-5798-2759
www.genesis-microchip.com / info@genesis-microchip.com


Similar Part No. - GM6010

ManufacturerPart #DatasheetDescription
logo
3M Electronics
GM613 3M-GM613 Datasheet
43Kb / 3P
   Gripping Material
GM614 3M-GM614 Datasheet
43Kb / 3P
   Gripping Material
logo
List of Unclassifed Man...
GM6155 ETC2-GM6155 Datasheet
108Kb / 8P
   150mA LOW - NOISE LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
List of Unclassifed Man...
GM6155-2.5ST25R ETC2-GM6155-2.5ST25R Datasheet
108Kb / 8P
   150mA LOW - NOISE LDO REGULATOR
More results

Similar Description - GM6010

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7911 SANYO-LA7911 Datasheet
70Kb / 3P
   TV Tuner Controller
logo
Oscilent Corporation
815-IF43.75M-A OSCILENT-815-IF43.75M-A Datasheet
128Kb / 1P
   Digital Cable TV
815-IF44.0M-A OSCILENT-815-IF44.0M-A Datasheet
132Kb / 1P
   Digital Cable TV
logo
NXP Semiconductors
PCE84C486 PHILIPS-PCE84C486 Datasheet
168Kb / 36P
   Microcontrollers for digital auto-sync and VST TV controller applications
1996 Feb 21
logo
Mitsubishi Electric Sem...
M62434FP MITSUBISHI-M62434FP Datasheet
65Kb / 13P
   SOUND CONTROLLER FOR TV
M62494SP MITSUBISHI-M62494SP Datasheet
77Kb / 7P
   SOUND CONTROLLER FOR TV
M62420SP MITSUBISHI-M62420SP Datasheet
94Kb / 16P
   SOUND CONTROLLER FOR TV
logo
Texas Instruments
SN761644 TI1-SN761644 Datasheet
949Kb / 30P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761640 TI1-SN761640 Datasheet
1Mb / 30P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI-SN761668 Datasheet
504Kb / 24P
[Old version datasheet]   DIGITAL TV TUNER IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com