Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL700SF-K Datasheet(PDF) 7 Page - Micronas

Part # HAL700SF-K
Description  Dual Hall-Effect Sensor with Independent Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL700SF-K Datasheet(HTML) 7 Page - Micronas

Back Button HAL700SF-K Datasheet HTML 3Page - Micronas HAL700SF-K Datasheet HTML 4Page - Micronas HAL700SF-K Datasheet HTML 5Page - Micronas HAL700SF-K Datasheet HTML 6Page - Micronas HAL700SF-K Datasheet HTML 7Page - Micronas HAL700SF-K Datasheet HTML 8Page - Micronas HAL700SF-K Datasheet HTML 9Page - Micronas HAL700SF-K Datasheet HTML 10Page - Micronas HAL700SF-K Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADVANCE INFORMATION
HAL700
Micronas
7
3.4. Absolute Maximum Ratings
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these or any other conditions beyond those indicated in
the “Recommended Operating Conditions/Characteristics” of this specification is not implied. Exposure to absolute
maximum ratings conditions for extended periods may affect device reliability.
3.5. Recommended Operating Conditions
Symbol
Parameter
Pin No.
Min.
Max.
Unit
VDD
Supply Voltage
1
−15
281)
V
-VP
Supply Voltage
1
−242)
281)
V
−I
DD
Reverse Supply Current
1
501)
mA
IDDZ
Supply Current through Protection
Device
1
−1003)
1003)
mA
VO
Output Voltage
2, 3
−0.3
281)
V
IO
Continuous Output On Current
2, 3
201)
mA
IOmax
Peak Output On Current
2, 3
1503)
mA
IOZ
Output Current through Protection
Device
3
−2003)
2003)
mA
TS
Storage Temperature Range
−65
1505)
°C
TJ
Junction Temperature Range
−40
−40
1704)
150
°C
°C
1) as long, as T
Jmax is not exceeded
2) with a 220-
Ω series resistance at pin 1 corresponding to test circuit 1
3) t < 2 ms
4) t < 1000 h
5) Components stored in the original packaging should provide a shelf life of at least 12 months, starting from the
date code printed on the labels, even in environments as extreme as 40
°C and 90% relative humidity.
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
1
3.8
24
V
IO
Continuous Output Current
3
0
10
mA
VO
Output Voltage
(output switch off)
30
24
V


Similar Part No. - HAL700SF-K

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL700SF-K MICRONAS-HAL700SF-K Datasheet
1Mb / 22P
   Dual Hall-Effect Sensors with Independent Outputs
More results

Similar Description - HAL700SF-K

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL700 MICRONAS-HAL700_1 Datasheet
1Mb / 22P
   Dual Hall-Effect Sensors with Independent Outputs
logo
Major-Power Technology ...
MA7954 MPOWER-MA7954 Datasheet
104Kb / 2P
   Dual Outputs Linear Hall Effect Sensor
Rev.0.1
MA7953 MPOWER-MA7953 Datasheet
119Kb / 2P
   Dual Outputs Linear Hall Effect Sensor
Rev.0.1
MA7950 MPOWER-MA7950 Datasheet
104Kb / 2P
   Dual Outputs Linear Hall Effect Sensor
Rev.0.3
MA7952 MPOWER-MA7952 Datasheet
104Kb / 2P
   Dual Outputs Linear Hall Effect Sensor
Rev.0.2
MA7951 MPOWER-MA7951 Datasheet
118Kb / 2P
   Four Outputs Linear Hall Effect Sensor
Rev.0.1
logo
Maxim Integrated Produc...
MAX9621 MAXIM-MAX9621_V01 Datasheet
1Mb / 16P
   Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
19-5024; Rev 2; 2/20
MAX9621 MAXIM-MAX9621 Datasheet
2Mb / 14P
   Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
Rev 0; 11/09
MAX9621 MAXIM-MAX9621_11 Datasheet
2Mb / 15P
   Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
Rev 1; 9/11
logo
Bel Fuse Inc.
9902090CW BEL-9902090CW Datasheet
491Kb / 3P
   Dual Output Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com