Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL560SF-A Datasheet(PDF) 11 Page - Micronas

Part # HAL560SF-A
Description  Two-Wire Hall Effect Sensor Family
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL560SF-A Datasheet(HTML) 11 Page - Micronas

Back Button HAL560SF-A Datasheet HTML 7Page - Micronas HAL560SF-A Datasheet HTML 8Page - Micronas HAL560SF-A Datasheet HTML 9Page - Micronas HAL560SF-A Datasheet HTML 10Page - Micronas HAL560SF-A Datasheet HTML 11Page - Micronas HAL560SF-A Datasheet HTML 12Page - Micronas HAL560SF-A Datasheet HTML 13Page - Micronas HAL560SF-A Datasheet HTML 14Page - Micronas HAL560SF-A Datasheet HTML 15Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
HAL55x, HAL56x
11
Micronas
0
20
40
60
80
100
120
140
160
180
200
0
5
10
15
20
25
30 V
kHz
VDD
fosc
Fig. 3–8: Typ. internal chopper frequency
versus supply voltage
HAL 55x, HAL 56x
TA = –40 °C
TA = 25 °C
TA = 100 °C
TA = 170 °C
0
20
40
60
80
100
120
140
160
180
200
345
678 V
kHz
VDD
fosc
Fig. 3–9: Typ. internal chopper frequency
versus supply voltage
HAL 55x, HAL 56x
TA = –40 °C
TA = 25 °C
TA = 100 °C
TA = 170 °C


Similar Part No. - HAL560SF-A

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL560SF-E MICRONAS-HAL560SF-E Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
HAL560SF-K MICRONAS-HAL560SF-K Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
More results

Similar Description - HAL560SF-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
   Two-Wire Hall Effect Sensor Family
logo
Micronas
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
HAL573 MICRONAS-HAL573 Datasheet
1Mb / 36P
   Two-Wire Hall-Effect Sensor Family
logo
List of Unclassifed Man...
HAL506 ETC-HAL506 Datasheet
315Kb / 44P
   Hall Effect Sensor Family
logo
Micronas
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
   Hall Effect Sensor Family
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
   Hall-Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
   Hall-Effect Sensor Family
logo
Infineon Technologies A...
TLE4941 INFINEON-TLE4941 Datasheet
853Kb / 11P
   Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
TLE4942-2 INFINEON-TLE4942-2 Datasheet
802Kb / 9P
   Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
TLE4953 INFINEON-TLE4953 Datasheet
1Mb / 20P
   Differential Two-Wire Hall Effect Sensor IC
V 4.0, 2010-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com