Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL566SF-A Datasheet(PDF) 8 Page - Micronas

Part # HAL566SF-A
Description  Two-Wire Hall Effect Sensor Family
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL566SF-A Datasheet(HTML) 8 Page - Micronas

Back Button HAL566SF-A Datasheet HTML 4Page - Micronas HAL566SF-A Datasheet HTML 5Page - Micronas HAL566SF-A Datasheet HTML 6Page - Micronas HAL566SF-A Datasheet HTML 7Page - Micronas HAL566SF-A Datasheet HTML 8Page - Micronas HAL566SF-A Datasheet HTML 9Page - Micronas HAL566SF-A Datasheet HTML 10Page - Micronas HAL566SF-A Datasheet HTML 11Page - Micronas HAL566SF-A Datasheet HTML 12Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
HAL55x, HAL56x
8
Micronas
3.6. Electrical Characteristics at TJ = –40 °C to +170 °C , VDD = 4 V to 24 V, as not otherwise specified in Conditions
Typical Characteristics for TJ = 25 °C and VDD = 12 V
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Conditions
IDDlow
Low Current Consumption
over Temperature Range
1
2
3.3
5
mA
IDDhigh
High Current Consumption
over Temperature Range
1
12
14.3
17
mA
VDDZ
Overvoltage Protection
at Supply
1
28.5
32
V
IDD = 25 mA, TJ = 25 °C,
t = 20 ms
fosc
Internal Oscillator
Chopper Frequency
90
145
kHz
TJ = 25 °C
fosc
Internal Oscillator Chopper Fre-
quency over Temperature Range
75
145
kHz
ten(O)
Enable Time of Output after
Setting of VDD
1
20
30
µs
1)
tr
Output Rise Time
1
0.4
1.6
µs
VDD = 12 V, Rs = 30 Ω
tf
Output Fall Time
1
0.4
1.6
µs
VDD = 12 V, Rs = 30 Ω
RthJSB
case
SOT-89B
Thermal Resistance Junction
to Substrate Backside
150
200
K/W
Fiberglass Substrate
30 mm x 10 mm x 1.5mm,
pad size see Fig. 3–3
RthJA
case
TO-92UA
Thermal Resistance Junction
to Soldering Point
150
200
K/W
1) B > BON + 2 mT or B < BOFF – 2 mT for HAL 55x,
B > BOFF + 2 mT or B < BON – 2 mT for HAL 56x
Fig. 3–3: Recommended pad size SOT-89B
Dimensions in mm
5.0
2.0
2.0
1.0


Similar Part No. - HAL566SF-A

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL566SF-E MICRONAS-HAL566SF-E Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
HAL566SF-K MICRONAS-HAL566SF-K Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
More results

Similar Description - HAL566SF-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
   Two-Wire Hall Effect Sensor Family
logo
Micronas
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
HAL573 MICRONAS-HAL573 Datasheet
1Mb / 36P
   Two-Wire Hall-Effect Sensor Family
logo
List of Unclassifed Man...
HAL506 ETC-HAL506 Datasheet
315Kb / 44P
   Hall Effect Sensor Family
logo
Micronas
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
   Hall Effect Sensor Family
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
   Hall-Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
   Hall-Effect Sensor Family
logo
Infineon Technologies A...
TLE4941 INFINEON-TLE4941 Datasheet
853Kb / 11P
   Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
TLE4942-2 INFINEON-TLE4942-2 Datasheet
802Kb / 9P
   Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
TLE4953 INFINEON-TLE4953 Datasheet
1Mb / 20P
   Differential Two-Wire Hall Effect Sensor IC
V 4.0, 2010-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com