Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCT7000MTX Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HCT7000MTX
Description  N- Channel En hance ment Mode MOS Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HCT7000MTX Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HCT7000MTX Datasheet HTML 1Page - List of Unclassifed Manufacturers HCT7000MTX Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Types HCT7000M, HCT7000MTX, HCT7000MTXV
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972)323-2200
Fax (972)323-2396
Electrical Characteristics (TA = 25
o C unless otherwise noted)
SYMBOL
PARAMETER
MIN MAX UNITS
TEST CONDITION
VDSS
Drain-Source Voltage
60
V
VGS = 0 V, ID = 10
µA
VGS(TH)
Gate Threshold Voltage
.8
3.0
V
VDS = VGS, ID = 1 mA
IGSS
Gate Leakage
±10
nA
VDS = 0 V, VGS =
±15 V
IDSS
Zero Gate Voltage Drain Current
1
µ
A
VGS = 0 V, VDS = 48 V
ID(ON)
On-State Drain Current
75
mA
VDS = 10 V, VGS = 4.5 V
RDS(ON)
Drain-Source on-Resistance
5
VGS = 10 V, ID = 0.5 A
VDS(ON)
Drain-Source on-Voltage
2.5
V
VGS = 10 V, ID = 0.5 A
Gfs
Forward Transconductance
100
mS
VDS = 10 V, ID = 0.2 A
Ciss
Input Capacitance
60
pF
VDS = 25 V, VGS = 0 V, f = 1MHz
Coss
Output Capacitance
25
pF
Crss
Reverse Transfer Capacitance
5
pF
t(on)
Turn-on Time
10
ns
VDD = 15 V, ID = 0.5 A, Vgen = 10 V, Rg = 25
t(off)
Turn-off Time
10
ns
15-37


Similar Part No. - HCT7000MTX

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
HCT7000MTX OPTEK-HCT7000MTX Datasheet
243Kb / 2P
   N- Channel Enhancement Mode MOS Transis tor
logo
TT Electronics.
HCT7000MTX TTELEC-HCT7000MTX Datasheet
189Kb / 2P
   N-Channel Enhancement Mode MOS Transistor
logo
OPTEK Technologies
HCT7000MTXV OPTEK-HCT7000MTXV Datasheet
243Kb / 2P
   N- Channel Enhancement Mode MOS Transis tor
logo
TT Electronics.
HCT7000MTXV TTELEC-HCT7000MTXV Datasheet
189Kb / 2P
   N-Channel Enhancement Mode MOS Transistor
More results

Similar Description - HCT7000MTX

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
HCT802 OPTEK-HCT802 Datasheet
233Kb / 2P
   Dual En hance ment Mode MOSFET
logo
NXP Semiconductors
BSH105 PHILIPS-BSH105 Datasheet
145Kb / 7P
   N-channel enhancement mode MOS transistor
August 1998 Rev 1.000
logo
Seme LAB
2N7002CSM SEME-LAB-2N7002CSM Datasheet
14Kb / 2P
   N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
logo
First Components Intern...
2N7002 FCI-2N7002 Datasheet
228Kb / 3P
   N-Channel Enchanncement-Mode Mos Transistor
logo
Calogic, LLC
2N7000 CALOGIC-2N7000 Datasheet
25Kb / 2P
   N-Channel Enhancement-Mode MOS Transistor
2N7002 CALOGIC-2N7002 Datasheet
24Kb / 2P
   N-Channel Enhancement-Mode MOS Transistor
logo
Seme LAB
2N6660CSM4 SEME-LAB-2N6660CSM4 Datasheet
43Kb / 2P
   N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
logo
NXP Semiconductors
BSH107 PHILIPS-BSH107 Datasheet
152Kb / 7P
   N-channel enhancement mode MOS transistor
August 1998 Rev 1.000
BSH103 PHILIPS-BSH103 Datasheet
96Kb / 12P
   N-channel enhancement mode MOS transistor
1998 Feb 11
BSH104 PHILIPS-BSH104 Datasheet
51Kb / 8P
   N-channel enhancement mode MOS transistor
1997 Nov 26
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com