Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA17431FPA Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HA17431FPA
Description  High-Precision Variable Shunt Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17431FPA Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HA17431FPA Datasheet HTML 1Page - Hitachi Semiconductor HA17431FPA Datasheet HTML 2Page - Hitachi Semiconductor HA17431FPA Datasheet HTML 3Page - Hitachi Semiconductor HA17431FPA Datasheet HTML 4Page - Hitachi Semiconductor HA17431FPA Datasheet HTML 5Page - Hitachi Semiconductor HA17431FPA Datasheet HTML 6Page - Hitachi Semiconductor HA17431FPA Datasheet HTML 7Page - Hitachi Semiconductor HA17431FPA Datasheet HTML 8Page - Hitachi Semiconductor HA17431FPA Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
HA17L431/HA17L431A Series
4
Absolute Maximum Ratings (Ta = 25
°C)
Rated Value
Item
Symbol
HA17L431LP/
HA17L431ALP
HA17L431P/
HA17L431AP
HA17L431UP/
HA17L432UP
Unit
Note
Cathode voltage
V
KA
16
16
16
V
1
Continuous cathode
current
I
K
−30 to +50
−30 to +50
−30 to +50
mA
Reference input current
Iref
−0.05 to +5
−0.05 to +5
−0.05 to +5
mA
Power dissipation
P
T
150
500
800
mW
2
Operating temperature
Topr
−20 to +85
−20 to +85
−20 to +85
°C
Storage temperature
Tstg
−55 to +150
−55 to +150
−55 to +150
°C
Notes: 1. The anode pin is used as the reference for voltage values.
2. These values apply when Ta
≤ 25°C. If Ta ≥ 25°C, derate by below figure.
−20 0
50
75 85
25
150
0.6
0.5
0.5W
0.4
Ambient temperature Ta (
°C)
(1)
(2)
0.3
0.26
0.2
0.1
0.15W
−1.2mW/°C
0.078
−4mW/°C
−20 0
50
75 85
25
150
1.2
1.0
0.8W
0.8
Ambient temperature Ta (
°C)
(1): HA17L431P/AP
(2): HA17L431LP/ALP
HA17L431UP/432UP
(1): With 15mm
× 25mm × 0.7mm
alumina ceramic board
(2): Without printed circuit board
(1)
(2)
0.6
0.416
0.4
0.2
0.385W
−3.08mW/°C
−6.4mW/°C


Similar Part No. - HA17431FPA

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17431FPA HITACHI-HA17431FPA Datasheet
236Kb / 26P
   Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
HA17431FPA HITACHI-HA17431FPA Datasheet
47Kb / 11P
   High-Precision Variable Shunt Regulators
logo
Renesas Technology Corp
HA17431FPA RENESAS-HA17431FPA Datasheet
246Kb / 20P
   Shunt Regulato
HA17431FPAJ RENESAS-HA17431FPAJ Datasheet
326Kb / 18P
   Shunt Regulator
More results

Similar Description - HA17431FPA

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17L431P HITACHI-HA17L431P Datasheet
47Kb / 11P
   High-Precision Variable Shunt Regulators
logo
Sanyo Semicon Device
L5431 SANYO-L5431 Datasheet
66Kb / 3P
   High-Precision Variable Shunt Voltage Regulator
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com