Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL560UA-E Datasheet(PDF) 4 Page - Micronas

Part # HAL560UA-E
Description  Two-Wire Hall Effect Sensor Family
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL560UA-E Datasheet(HTML) 4 Page - Micronas

  HAL560UA-E Datasheet HTML 1Page - Micronas HAL560UA-E Datasheet HTML 2Page - Micronas HAL560UA-E Datasheet HTML 3Page - Micronas HAL560UA-E Datasheet HTML 4Page - Micronas HAL560UA-E Datasheet HTML 5Page - Micronas HAL560UA-E Datasheet HTML 6Page - Micronas HAL560UA-E Datasheet HTML 7Page - Micronas HAL560UA-E Datasheet HTML 8Page - Micronas HAL560UA-E Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
HAL55x, HAL56x
4
Micronas
1.3. Marking Code
All Hall sensors have a marking on the package surface
(branded side). This marking includes the name of the
sensor and the temperature range.
Type
Temperature Range
A
K
E
HAL556
556A
556K
556E
HAL560
560A
560K
560E
HAL566
566A
566K
566E
1.4. Operating Junction Temperature Range
The Hall sensors from Micronas are specified to the chip
temperature (junction temperature TJ).
A: TJ = –40 °C to +170 °C
K: TJ = –40 °C to +140 °C
E: TJ = –40 °C to +100 °C
Note: Due to the high power dissipation at high current
consumption, there is a difference between the ambient
temperature (TA) and junction temperature. Please refer
section 5.4. on page 19 for details.
1.5. Hall Sensor Package Codes
Type: 556, 560, or 566
HAL XXXPA-T
Temperature Range: A, K, or E
Package: SF for SOT-89B
UA for TO-92UA
→ Type: 556
→ Package: TO-92UA
→ Temperature Range: TJ = –40 °C to +100 °C
Example: HAL 556UA-E
Hall sensors are available in a wide variety of packaging
versions and quantities. For more detailed information,
please refer to the brochure: “Ordering Codes for Hall
Sensors”.
1.6. Solderability
all packages: according to IEC68-2-58
During soldering reflow processing and manual rework-
ing, a component body temperature of 260
°C should not
be exceeded.
Components stored in the original packaging should
provide a shelf life of at least 12 months, starting from the
date code printed on the labels, even in environments as
extreme as 40
°C and 90% relative humidity.
Fig. 1–1: Pin configuration
GND
2
1
VDD
NC
3


Similar Part No. - HAL560UA-E

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL560UA-E MICRONAS-HAL560UA-E Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
More results

Similar Description - HAL560UA-E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
   Two-Wire Hall Effect Sensor Family
logo
Micronas
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
HAL573 MICRONAS-HAL573 Datasheet
1Mb / 36P
   Two-Wire Hall-Effect Sensor Family
logo
List of Unclassifed Man...
HAL506 ETC-HAL506 Datasheet
315Kb / 44P
   Hall Effect Sensor Family
logo
Micronas
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
   Hall Effect Sensor Family
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
   Hall-Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
   Hall-Effect Sensor Family
logo
Infineon Technologies A...
TLE4941 INFINEON-TLE4941 Datasheet
853Kb / 11P
   Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
TLE4942-2 INFINEON-TLE4942-2 Datasheet
802Kb / 9P
   Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
TLE4953 INFINEON-TLE4953 Datasheet
1Mb / 20P
   Differential Two-Wire Hall Effect Sensor IC
V 4.0, 2010-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com