Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL566UA-E Datasheet(PDF) 7 Page - Micronas

Part # HAL566UA-E
Description  Two-Wire Hall Effect Sensor Family
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL566UA-E Datasheet(HTML) 7 Page - Micronas

Back Button HAL566UA-E Datasheet HTML 3Page - Micronas HAL566UA-E Datasheet HTML 4Page - Micronas HAL566UA-E Datasheet HTML 5Page - Micronas HAL566UA-E Datasheet HTML 6Page - Micronas HAL566UA-E Datasheet HTML 7Page - Micronas HAL566UA-E Datasheet HTML 8Page - Micronas HAL566UA-E Datasheet HTML 9Page - Micronas HAL566UA-E Datasheet HTML 10Page - Micronas HAL566UA-E Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
HAL55x, HAL56x
7
Micronas
3.4. Absolute Maximum Ratings
Symbol
Parameter
Pin No.
Min.
Max.
Unit
VDD
Supply Voltage
1
–151) 2)
282)
V
IDDZ
Supply Current through
Protection Device
1
–502)
–2003)
502)
2003)
mA
mA
TS
Storage Temperature Range
–65
150
°C
TJ
Junction Temperature Range
–40
–40
150
1704)
°C
1) –18 V with a 100
Ω series resistor at pin 1 (–16 V with a 30 Ω series resistor)
2) as long as TJmax is not exceeded
2) with a 220
Ω series resistance at pin 1 corresponding to test circuit 1 (see Fig. 5–3)
3) t<2 ms
4) t<1000 h
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these or any other conditions beyond those indicated in the
“Recommended Operating Conditions/Characteristics” of this specification is not implied. Exposure to absolute maxi-
mum ratings conditions for extended periods may affect device reliability.
3.5. Recommended Operating Conditions
Symbol
Parameter
Pin No.
Min.
Max.
Unit
VDD
Supply Voltage
1
4
24
V
TA
Ambient Temperature for continuos
operation
–40
–40
851)
1252)
°C
°C
ton
Supply Time for pulsed mode
30
µs
1) when using the “A” type or the ”K” type and VDD ≤ 16 V
2) when using the “A” type and VDD ≤ 13.2 V
Note: Due to the high power dissipation at high current consumption, there is a difference between the ambient temper-
ature (TA) and junction temperature. The power dissipation can be reduced by repeatedly switching the supply voltage
on and off (pulse mode). Please refer to section 5.4. on page 19 for details.


Similar Part No. - HAL566UA-E

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL566UA-E MICRONAS-HAL566UA-E Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
More results

Similar Description - HAL566UA-E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
   Two-Wire Hall Effect Sensor Family
logo
Micronas
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
HAL573 MICRONAS-HAL573 Datasheet
1Mb / 36P
   Two-Wire Hall-Effect Sensor Family
logo
List of Unclassifed Man...
HAL506 ETC-HAL506 Datasheet
315Kb / 44P
   Hall Effect Sensor Family
logo
Micronas
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
   Hall Effect Sensor Family
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
   Hall-Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
   Hall-Effect Sensor Family
logo
Infineon Technologies A...
TLE4941 INFINEON-TLE4941 Datasheet
853Kb / 11P
   Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
TLE4942-2 INFINEON-TLE4942-2 Datasheet
802Kb / 9P
   Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
TLE4953 INFINEON-TLE4953 Datasheet
1Mb / 20P
   Differential Two-Wire Hall Effect Sensor IC
V 4.0, 2010-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com