Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD4043312S Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HD4043312S
Description  4-bit HMCS400-Series microcomputer with large-capacity memory
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD4043312S Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HD4043312S Datasheet HTML 1Page - Hitachi Semiconductor HD4043312S Datasheet HTML 2Page - Hitachi Semiconductor HD4043312S Datasheet HTML 3Page - Hitachi Semiconductor HD4043312S Datasheet HTML 4Page - Hitachi Semiconductor HD4043312S Datasheet HTML 5Page - Hitachi Semiconductor HD4043312S Datasheet HTML 6Page - Hitachi Semiconductor HD4043312S Datasheet HTML 7Page - Hitachi Semiconductor HD4043312S Datasheet HTML 8Page - Hitachi Semiconductor HD4043312S Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 78 page
background image
HD404339 Series
2
• Seven interrupt sources
 Two by external sources
 Three by timers
 One each by the A/D converter and serial interface
• Four low-power dissipation modes
 Standby mode
 Stop mode
 Watch mode
 Subactive mode
• Instruction cycle time: 1 µs (f
OSC = 4 MHz, 1/4 division ratio)
 1/4, 1/8, 1/16, 1/32 system clock division ratio can be selected
Ordering Information
Type
Product Name
Model Name
ROM (words)
RAM (digit)
Package
Mask ROM
HD404334
HD404334S
4,096
512
DP-64S
HD404334FS
FP-64B
HD404336
HD404336S
6,144
DP-64S
HD404336FS
FP-64B
HD404338
HD404338S
8,912
DP-64S
HD404338FS
FP-64B
HD4043312
HD4043312S
12,288
DP-64S
HD4043312FS
FP-64B
HD404339
HD404339S
16,384
DP-64S
HD404339FS
FP-64B
ZTAT
HD4074339
HD4074339S
16,384
DP64S
HD4074339FS
FP-64B
Recommended PROM Programmers and Socket Adapters
PROM Programmer
Socket Adapter
Manufacture
Model Name
Package
Manufacture
Model Name
DATA I/O corp
121 B
DP-64S
Hitachi
HS4339ESS01H
FP-64B
HS4339ESF01H
AVAL corp
PKW-1000
DP-64S
Hitachi
HS4339ESS01H
FP-64B
HS4339ESF01H


Similar Part No. - HD4043312S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD4043312S RENESAS-HD4043312S Datasheet
321Kb / 80P
   microcomputer with large-capacity memory designed to
More results

Similar Description - HD4043312S

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404318 HITACHI-HD404318 Datasheet
305Kb / 66P
   4-bit HMCS400-series microcomputer
HD404369 HITACHI-HD404369 Datasheet
452Kb / 115P
   4-bit HMCS400-Series microcomputer
HD404356 HITACHI-HD404356 Datasheet
398Kb / 100P
   4-bit HMCS400-Series microcomputer
logo
Renesas Technology Corp
HD404339 RENESAS-HD404339 Datasheet
321Kb / 80P
   microcomputer with large-capacity memory designed to
logo
Hitachi Semiconductor
HD404054 HITACHI-HD404054 Datasheet
395Kb / 101P
   HMCS400-series microcomputers designed to increase program productivity with large-capacity memory
logo
Renesas Technology Corp
HD404459 RENESAS-HD404459 Datasheet
420Kb / 122P
   4-bit HMCS400-series microcomputers
logo
Hitachi Semiconductor
HD404918 HITACHI-HD404918 Datasheet
1Mb / 45P
   CMOS 4-bit single-chip microcomputer of the HMCS400 series incorporates ROM,RAM,1
logo
Motorola, Inc
MC68HC05M6 MOTOROLA-MC68HC05M6 Datasheet
67Kb / 2P
   microcomputer unit with VFD drive capacity
logo
Inchange Semiconductor ...
2SA1507 ISC-2SA1507 Datasheet
114Kb / 2P
   Large Current Capacity
logo
Sanyo Semicon Device
LC5732N SANYO-LC5732N Datasheet
309Kb / 12P
   4-Bit Microcomputer with LCD Driver?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com