Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8F512K32Q-150 Datasheet(PDF) 1 Page - Austin Semiconductor

Part # AS8F512K32Q-150
Description  Flash Memory Array
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8F512K32Q-150 Datasheet(HTML) 1 Page - Austin Semiconductor

  AS8F512K32Q-150 Datasheet HTML 1Page - Austin Semiconductor AS8F512K32Q-150 Datasheet HTML 2Page - Austin Semiconductor AS8F512K32Q-150 Datasheet HTML 3Page - Austin Semiconductor AS8F512K32Q-150 Datasheet HTML 4Page - Austin Semiconductor AS8F512K32Q-150 Datasheet HTML 5Page - Austin Semiconductor AS8F512K32Q-150 Datasheet HTML 6Page - Austin Semiconductor AS8F512K32Q-150 Datasheet HTML 7Page - Austin Semiconductor AS8F512K32Q-150 Datasheet HTML 8Page - Austin Semiconductor AS8F512K32Q-150 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
FLASH
AS8F512K32
Austin Semiconductor, Inc.
AS8F512K32
Rev. 4.0 6/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
GENERAL DESCRIPTION
The Austin Semiconductor, Inc. AS8F512K32 is a 16 Megabit
CMOS FLASH Memory Module organized as 512Kx32 bits. The
AS8F512K32 achieves high speed access (70 to 150 ns), low power
consumption and high reliability by employing advanced CMOS memory
technology.
An on-chip state machine controls the program and erase func-
tions. The embedded byte-program and sector/chip erase functions are
fully automatic. Data-protection of any sector combination is accom-
plished using a hardware sector-protection feature.
The Erase/Resume function allows the sector erase operation to
read data from, or program to a non-erasing sector, then resume the
erase operation.
Device operations are selected by using standard commands into
the command register using standard microprocessor write timings. The
command register acts as an input to an internal state machine that
interprets the commands, controls the erase and programming opera-
tions, outputs the status of the device, and outputs data stored in the
device. On initial power-up operation, the device defaults to the read
mode.
FEATURES
Fast Access Times: 70, 90, 120 and 150ns
Operation with single 5V (±10%)
Theta JC= 1.00°C/w
User configurable as 512Kx32, 1Mx16, or 2Mx8
Eight Equal Sectors of 64K Bytes for each 512Kx8
Compatible with JEDEC EEPROM command set
Any Combination of Sectors can be Erased
Supports Full Chip Erase
Embedded Erase and Program Algorithms
TTL Compatible Inputs and CMOS Outputs
Built in decoupling caps for low noise operation
Suspend Erase/Resume Function
Individual Byte Read/ Write Control
10,000 Program/Erase Cycles
PIN ASSIGNMENT
(Top View)
AVAILABLE AS MILITARY
SPECIFICATIONS
SMD 5962-94612
MIL-STD-883
68 Lead CQFP (Q)
66 Lead PGA (P)
OPTIONS
MARKINGS
Timing
70ns
-70
90ns
-90
120ns
-120
150ns
-150
Package
Ceramic Quad Flat pack
Q
No. 702
Pin Grid Array
P
No. 904
For more products and information
please visit our web site at
www.austinsemiconductor.com
512K x 32 FLASH
FLASH MEMORY ARRAY


Similar Part No. - AS8F512K32Q-150

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8F512K32Q-150/883C AUSTIN-AS8F512K32Q-150/883C Datasheet
242Kb / 12P
   512K x 32 FLASH FLASH MEMORY ARRAY
AS8F512K32Q-150/883C AUSTIN-AS8F512K32Q-150/883C Datasheet
296Kb / 23P
   512K x 32 FLASH FLASH MEMORY ARRAY
AS8F512K32Q-150/CT AUSTIN-AS8F512K32Q-150/CT Datasheet
242Kb / 12P
   512K x 32 FLASH FLASH MEMORY ARRAY
AS8F512K32Q-150/CT AUSTIN-AS8F512K32Q-150/CT Datasheet
296Kb / 23P
   512K x 32 FLASH FLASH MEMORY ARRAY
AS8F512K32Q-150/IT AUSTIN-AS8F512K32Q-150/IT Datasheet
242Kb / 12P
   512K x 32 FLASH FLASH MEMORY ARRAY
More results

Similar Description - AS8F512K32Q-150

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8F128K32 AUSTIN-AS8F128K32_07 Datasheet
1Mb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
AS8F512K32 AUSTIN-AS8F512K32_07 Datasheet
296Kb / 23P
   512K x 32 FLASH FLASH MEMORY ARRAY
AS8F128K32 AUSTIN-AS8F128K32 Datasheet
389Kb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
AS8F512K32 AUSTIN-AS8F512K32_03 Datasheet
242Kb / 12P
   512K x 32 FLASH FLASH MEMORY ARRAY
AS8SF384K32 AUSTIN-AS8SF384K32 Datasheet
195Kb / 14P
   128K x 16 SRAM & 512K x 16 FLASH SRAM / FLASH MEMORY ARRAY
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com