Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF2022-90 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLF2022-90
Description  UHF power LDMOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF2022-90 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLF2022-90 Datasheet HTML 2Page - NXP Semiconductors BLF2022-90 Datasheet HTML 3Page - NXP Semiconductors BLF2022-90 Datasheet HTML 4Page - NXP Semiconductors BLF2022-90 Datasheet HTML 5Page - NXP Semiconductors BLF2022-90 Datasheet HTML 6Page - NXP Semiconductors BLF2022-90 Datasheet HTML 7Page - NXP Semiconductors BLF2022-90 Datasheet HTML 8Page - NXP Semiconductors BLF2022-90 Datasheet HTML 9Page - NXP Semiconductors BLF2022-90 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2003 Feb 24
6
Philips Semiconductors
Product specification
UHF power LDMOS transistor
BLF2022-90
handbook, halfpage
1.8
1.9
f (GHz)
Zi
(
Ω)
2.3
4
3
1
0
2
2
xi
ri
2.1
2.2
MLD835
Fig.8
Input impedance as a function of frequency
(series components); typical values.
VDS = 28 V; ID = 750 mA; PL = 90 W; Th =25 °C.
handbook, halfpage
1.8
1.9
f (GHz)
ZL
(
Ω)
2.3
4
2
−2
−4
0
2
RL
XL
2.1
2.2
MLD836
Fig.9
Load impedance as a function of frequency
(series components); typical values.
VDS = 28 V; ID = 750 mA; PL = 90 W; Th =25 °C.
handbook, full pagewidth
MGS920
C7
C8
C3
L16
L14
L12
L20
L1
L3
L2
L4
L6
L8
L10
L11
L15
L17
L13
L5
L7
L9
L18
L19
C6
C9
C4
C10
input
50
output
50
C1
C2
C11
C12
R2
F1
C13
C14
VDD
R1
C5
Vgate
Fig.10 Class-AB test circuit at f = 2.2 GHz.


Similar Part No. - BLF2022-90

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF2022-120 PHILIPS-BLF2022-120 Datasheet
96Kb / 7P
   UHF push-pull power LDMOS transistor
2000 Dec 12
BLF2022-125 PHILIPS-BLF2022-125 Datasheet
50Kb / 8P
   UHF power LDMOS transistor
2003 Mar 07
BLF2022-30 PHILIPS-BLF2022-30 Datasheet
105Kb / 12P
   UHF power LDMOS transistor
2003 Feb 24
BLF2022-40 PHILIPS-BLF2022-40 Datasheet
81Kb / 6P
   UHF power LDMOS transistor
2001 April 05
BLF2022-70 PHILIPS-BLF2022-70 Datasheet
111Kb / 12P
   UHF power LDMOS transistor
2003 Feb 24
More results

Similar Description - BLF2022-90

ManufacturerPart #DatasheetDescription
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
   UHF power LDMOS transistor
logo
NXP Semiconductors
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
   UHF power LDMOS transistor
Rev. 3-7 December 2010
BLF3G21-6 NXP-BLF3G21-6 Datasheet
103Kb / 12P
   UHF power LDMOS transistor
Rev. 01-25 June 2008
BLF4G20LS-130 NXP-BLF4G20LS-130 Datasheet
85Kb / 11P
   UHF power LDMOS transistor
Rev. 01-1 June 2007
BLF4G22-130 NXP-BLF4G22-130 Datasheet
91Kb / 13P
   UHF power LDMOS transistor
Rev. 01-3 July 2007
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
   UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF647 PHILIPS-BLF647 Datasheet
127Kb / 16P
   UHF power LDMOS transistor
2001 Nov 27
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
   UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
   UHF power LDMOS transistor
1999 Dec 06
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
   UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
   UHF power LDMOS transistor
Rev. 01-20 February 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com