Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1502AS-10AI44 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATF1502AS-10AI44
Description  High-performance EEPROM CPLD
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502AS-10AI44 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATF1502AS-10AI44 Datasheet HTML 7Page - ATMEL Corporation ATF1502AS-10AI44 Datasheet HTML 8Page - ATMEL Corporation ATF1502AS-10AI44 Datasheet HTML 9Page - ATMEL Corporation ATF1502AS-10AI44 Datasheet HTML 10Page - ATMEL Corporation ATF1502AS-10AI44 Datasheet HTML 11Page - ATMEL Corporation ATF1502AS-10AI44 Datasheet HTML 12Page - ATMEL Corporation ATF1502AS-10AI44 Datasheet HTML 13Page - ATMEL Corporation ATF1502AS-10AI44 Datasheet HTML 14Page - ATMEL Corporation ATF1502AS-10AI44 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
ATF1502AS(L)
0995J–PLD–09/02
Note:
1. Leakage current is with pin-keeper off.
Notes:
1. Equation A: IOH =11.9(VOUT - 5.25) * (VOUT + 2.45) for VCC >VOUT >3.1V.
2. Equation B: IOL = 78.5 * VOUT *(4.4-VOUT)for 0V < VOUT < 0.71V.
PCI DC Characteristics (Preliminary)
Symbol
Parameter
Conditions
Min
Max
Units
VCC
Supply Voltage
4.75
5.25
V
VIH
Input High Voltage
2.0
VCC +0.5
V
VIL
Input Low Voltage
-0.5
0.8
V
IIH
Input High Leakage Current
(1)
VIN =2.7V
70
µA
I
IL
Input Low Leakage Current
(1)
V
IN = 0.5V
-70
µA
V
OH
Output High Voltage
I
OUT =-2mA
2.4
V
V
OL
Output Low Voltage
I
OUT =3mA, 6 mA
0.55
V
CIN
Input Pin Capacitance
10
pF
CCLK
CLK Pin Capacitance
12
pF
CIDSEL
IDSEL Pin Capacitance
8
pF
L
PIN
Pin Inductance
20
nH
PCI AC Characteristics (Preliminary)
Symbol
Parameter
Conditions
Min
Max
Units
IOH(AC)
Switching
Current High
(Test High)
0<VOUT ≤ 1.4
-44
mA
1.4 < V
OUT <2.4
-44+(V
OUT -1.4)
/0.024
mA
3.1 < V
OUT <VCC
Equation A
mA
VOUT = 3.1V
-142
µA
IOL(AC)
Switching
Current Low
(Test Point)
VOUT >2.2V
95
mA
2.2 > VOUT >0
VOUT/0.023
mA
0.1 > VOUT > 0
Equation B
mA
V
OUT =0.71
206
mA
I
CL
Low Clamp Current
-5 < V
IN ≤ -1
-25 + (V
IN +1)
/0.015
mA
SLEWR
Output Rise Slew Rate
0.4V to 2.4V load
1
5
V/ns
SLEWF
Output Fall Slew Rate
2.4V to 0.4V load
1
5
V/ns


Similar Part No. - ATF1502AS-10AI44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502AS-10AI44 ATMEL-ATF1502AS-10AI44 Datasheet
344Kb / 18P
   High Performance E2PROM CPLD
ATF1502AS-10AI44 ATMEL-ATF1502AS-10AI44 Datasheet
535Kb / 26P
   Highperformance EEPROM CPLD
More results

Similar Description - ATF1502AS-10AI44

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XC9572XL-7VQ64I XILINX-XC9572XL-7VQ64I Datasheet
86Kb / 8P
   High Performance CPLD
XC9500XV XILINX-XC9500XV Datasheet
212Kb / 19P
   High-Performance CPLD
logo
ATMEL Corporation
ATF1504AS ATMEL-ATF1504AS Datasheet
462Kb / 21P
   High- Performance EE CPLD
ATF1502AS ATMEL-ATF1502AS Datasheet
344Kb / 18P
   High Performance E2PROM CPLD
ATF1502ASV ATMEL-ATF1502ASV_06 Datasheet
377Kb / 25P
   Highperformance EEPROM CPLD
ATF1502ASV ATMEL-ATF1502ASV Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
ATF1502AS ATMEL-ATF1502AS_05 Datasheet
535Kb / 26P
   Highperformance EEPROM CPLD
ATF1516AS ATMEL-ATF1516AS Datasheet
266Kb / 11P
   High Performance EE-Based CPLD
logo
Xilinx, Inc
XC9500XL XILINX-XC9500XL Datasheet
293Kb / 18P
   XC9500XL High-Performance CPLD Family Data Sheet
logo
Cypress Semiconductor
CY3LV512 CYPRESS-CY3LV512 Datasheet
182Kb / 9P
   512K / 1 Mbit CPLD Boot EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com