Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC62VV25616LL Datasheet(PDF) 2 Page - Integrated Circuit Solution Inc

Part # IC62VV25616LL
Description  256Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62VV25616LL Datasheet(HTML) 2 Page - Integrated Circuit Solution Inc

  IC62VV25616LL Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62VV25616LL Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62VV25616LL Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62VV25616LL Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62VV25616LL Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62VV25616LL Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62VV25616LL Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62VV25616LL Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62VV25616LL Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Integrated Circuit Solution Inc.
LPSR019-0A 11/13/2001
IC62VV25616L
IC62VV25616LL
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors
which may appear in this publication. © Copyright 2001, Integrated Circuit Solution Inc.
DESCRIPTION
The
ICSI IC62VV25616L and IC62VV25616LL are low-power,
4.194,304 bit static RAMs organized as 262,144 words by 16
bits. They are fabricated using
ICSI's high-performance CMOS
technology. This highly reliable process coupled with innova-
tive circuit design techniques, yields high-performance and
low power consumption devices.
When
CE is HIGH (deselected) or both LB and UB are HIGH,
the device assumes a standby mode at which the power
dissipation can be reduced by using CMOS input levels.
Easy memory expansion is provided by using Chip Enable
Output and Enable inputs,
CE and OE. The active LOW Write
Enable (
WE) controls both writing and reading of the memory.
A data byte allows Upper Byte (
UB) and Lower Byte (LB)
access.
The IC62VV25616L and IC62VV25616LL are packaged in the
JEDEC standare 44-pin TSOP-2 and 48-pin 6*8mm TF-BGA.
FUNCTIONAL BLOCK DIAGRAM
A0-A17
CE
OE
WE
256K x 16
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VCC
I/O
DATA
CIRCUIT
I/O0-I/O7
Lower Byte
I/O8-I/O15
Upper Byte
UB
LB
256K x 16 1.8V ULTRA
LOW POWER CMOS STATIC RAM
FEATURES
• High-speed access times: 55, 70, 100 ns
• CMOS low power operation
ICC1=10mA (typical)* operating
ISB2=1µA (typical)* CMOS standby
* Typical values are measured at VCC=1.8V,
TA=25°C
• TTL compatible interface levels
• Single 1.65V-2.2V Vcc power supply
• Fully static operation: no clock or refresh
required
• Three state outputs
• Data control for upper and lower bytes
• Industrial temperature available
• Available in the 44-pin TSOP-2 and 48-pin
6*8mm TF-BGA


Similar Part No. - IC62VV25616LL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62VV1008L ICSI-IC62VV1008L Datasheet
212Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62VV1008L-100B ICSI-IC62VV1008L-100B Datasheet
212Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62VV1008L-100BI ICSI-IC62VV1008L-100BI Datasheet
212Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62VV1008L-70B ICSI-IC62VV1008L-70B Datasheet
212Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62VV1008L-70BI ICSI-IC62VV1008L-70BI Datasheet
212Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
More results

Similar Description - IC62VV25616LL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV25616L ICSI-IC62LV25616L Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Samsung semiconductor
K6T4016C3B SAMSUNG-K6T4016C3B Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
KM6164000B SAMSUNG-KM6164000B Datasheet
151Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6X4016C3F SAMSUNG-K6X4016C3F Datasheet
131Kb / 9P
   256Kx16 bit Low Power full CMOS Static RAM
logo
Integrated Circuit Solu...
IC62VV12816L ICSI-IC62VV12816L Datasheet
255Kb / 11P
   128Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
logo
Samsung semiconductor
K6T4016V3C SAMSUNG-K6T4016V3C Datasheet
154Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Circuit Solu...
IC62VV51216L ICSI-IC62VV51216L Datasheet
273Kb / 12P
   512K x 16 bit 1.8V and Ultra Low Power CMOS Static RAM
logo
Samsung semiconductor
K6F4016U6G SAMSUNG-K6F4016U6G Datasheet
180Kb / 9P
   256Kx16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Integrated Circuit Solu...
IC62VV5128L ICSI-IC62VV5128L Datasheet
166Kb / 11P
   512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com