Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANTX2N7237 Datasheet(PDF) 1 Page - International Rectifier

Part # JANTX2N7237
Description  POWER MOSFET THRU-HOLE (TO-254AA)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

JANTX2N7237 Datasheet(HTML) 1 Page - International Rectifier

  JANTX2N7237 Datasheet HTML 1Page - International Rectifier JANTX2N7237 Datasheet HTML 2Page - International Rectifier JANTX2N7237 Datasheet HTML 3Page - International Rectifier JANTX2N7237 Datasheet HTML 4Page - International Rectifier JANTX2N7237 Datasheet HTML 5Page - International Rectifier JANTX2N7237 Datasheet HTML 6Page - International Rectifier JANTX2N7237 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = -10V, TC = 25°C
Continuous Drain Current
-11
ID @ VGS = -10V, TC = 100°C Continuous Drain Current
-7.0
IDM
Pulsed Drain Current ➀
-44
PD @ TC = 25°C
Max. Power Dissipation
125
W
Linear Derating Factor
1.0
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
500
mJ
IAR
Avalanche Current ➀
-11
A
EAR
Repetitive Avalanche Energy ➀
12.5
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
-5.0
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 ( 0.063 in.(1.6mm) from case for 10s)
Weight
9.3 (typical)
g
PD - 90497F
oC
A
11/18/02
www.irf.com
1
TO-254AA
Product Summary
Part Number RDS(on)
ID
IRFM9240
0.51
Ω -11A
For footnotes refer to the last page
HEXFET® MOSFET technology is the key to International
Rectifier’s advanced line of power MOSFET transistors. The
efficient geometry design achieves very low on-state resis-
tance combined with high transconductance.
HEXFET tran-
sistors also feature all of the well-established advantages
of MOSFETs, such as voltage control, very fast switching,
ease of paralleling and electrical parameter temperature
stability. They are well-suited for applications such as switch-
ing power supplies, motor controls, inverters, choppers,
audio amplifiers, high energy pulse circuits, and virtually
any application where high reliability is required. The
HEXFET transistor’s totally isolated package eliminates the
need for additional isolating material between the device
and the heatsink. This improves thermal efficiency and
reduces drain capacitance.
Features:
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Electrically Isolated
n Dynamic dv/dt Rating
n Light-weight
POWER MOSFET
THRU-HOLE (TO-254AA)
IRFM9240
JANTX2N7237
JANTXV2N7237
JANS2N7237
REF:MIL-PRF-19500/595
200V, P-CHANNEL
HEXFET
®
MOSFETTECHNOLOGY


Similar Part No. - JANTX2N7237

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTX2N7236 IRF-JANTX2N7236 Datasheet
214Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
JANTX2N7236U IRF-JANTX2N7236U Datasheet
174Kb / 7P
   POWER MOSFET SURFACE MOUNT (SMD-1)
More results

Similar Description - JANTX2N7237

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFM350 IRF-IRFM350 Datasheet
203Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
logo
New Jersey Semi-Conduct...
IRFM250 NJSEMI-IRFM250 Datasheet
614Kb / 2P
   POWER MOSFET THRU-HOLE (TO-254AA)
logo
International Rectifier
IRFM064 IRF-IRFM064 Datasheet
198Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
IRFM9240 IRF-IRFM9240 Datasheet
190Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
IRFM054 IRF-IRFM054 Datasheet
192Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
IRFM460 IRF-IRFM460 Datasheet
204Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
logo
New Jersey Semi-Conduct...
IRFM240 NJSEMI-IRFM240 Datasheet
854Kb / 3P
   POWER MOSFET THRU-HOLE (TO-254AA)
logo
International Rectifier
IRFM250 IRF-IRFM250 Datasheet
163Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
IRFM450 IRF-IRFM450 Datasheet
181Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
IRFM9140 IRF-IRFM9140 Datasheet
214Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com